Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS12 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 63Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 64Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 65Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 66Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 67Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 68Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 69Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 70Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
67
5.15 Fuzzy Logic Instructions
The CPU12 instruction set includes instructions that support efficient
processing of fuzzy logic operations. The descriptions of fuzzy logic
instructions given here are functional overviews. Table 5-13 summarizes
the fuzzy logic instructions. Refer to Section 9. Fuzzy Logic Support for
detailed discussion.
5.15.1 Fuzzy Logic Membership Instruction
The membership function (MEM) instruction is used during the fuzzification
process. During fuzzification, current system input values are compared
against stored input membership functions to determine the degree to which
each label of each system input is true. This is accomplished by finding the
y value for the current input on a trapezoidal membership function for each
label of each system input. The MEM instruction performs this calculation
for one label of one system input. To perform the complete fuzzification task
for a system, several MEM instructions must be executed, usually in a
program loop structure.
5.15.2 Fuzzy Logic Rule Evaluation Instructions
The MIN-MAX rule evaluation (REV and REVW) instructions perform
MIN-MAX rule evaluations that are central elements of a fuzzy logic
inference program. Fuzzy input values are processed using a list of rules
from the knowledge base to produce a list of fuzzy outputs. The REV
instruction treats all rules as equally important. The REVW instruction
allows each rule to have a separate weighting factor. The two rule
evaluation instructions also differ in the way rules are encoded into the
knowledge base. Because they require a number of cycles to execute, rule
evaluation instructions can be interrupted. Once the interrupt has been
serviced, instruction execution resumes at the point the interrupt occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com