Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS12 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 72Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 73Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 74Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 75Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 76Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 77Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 78Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 79Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
76
Freescale Semiconductor
5.19.3 Bit Condition Branch Instructions
The bit condition branches are taken when bits in a memory byte are in a
specific state. A mask operand is used to test the location. If all bits in that
location that correspond to ones in the mask are set (BRSET) or cleared
(BRCLR), the branch is taken.
The numeric range of 8-bit offset values is $80 (128) to $7F (127)
from the address of the next memory location after the offset value.
Table 5-19 is a summary of bit condition branches.
Table 5-19. Bit Condition Branch Instructions
Mnemonic
Function
Equation or Operation
BRCLR
Branch if selected bits clear
(M)
• (mm) = 0
BRSET
Branch if selected bits set
(M)
• (mm) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com