Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F213G2CDSP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F213G2CDSP Datasheet HTML 1Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 2Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 3Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 4Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 5Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 6Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 7Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 8Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
R8C/3GC Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0301-0010 Rev.0.10
Page 4 of 56
May 24, 2010
1.2
Product List
Table 1.3 lists Product List for R8C/3GC Group, and Figure 1.1 shows a Part Number, Memory Size, and Package
of R8C/3GC Group.
(D): Under development
Figure 1.1
Part Number, Memory Size, and Package of R8C/3GC Group
Table 1.3
Product List for R8C/3GC Group
Current of May 2010
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F213G2CNNP (D) 8 Kbytes
1 Kbyte
× 4
1 Kbyte
PWQN0024KC-A N version
R5F213G4CNNP (D) 16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PWQN0024KC-A
R5F213G5CNNP (D) 24 Kbytes
1 Kbyte
× 4
2 Kbytes
PWQN0024KC-A
R5F213G6CNNP (D) 32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PWQN0024KC-A
R5F213G2CDNP (D) 8 Kbytes
1 Kbyte
× 4
1 Kbyte
PWQN0024KC-A D version
R5F213G4CDNP (D) 16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PWQN0024KC-A
R5F213G5CDNP (D) 24 Kbytes
1 Kbyte
× 4
2 Kbytes
PWQN0024KC-A
R5F213G6CDNP (D) 32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PWQN0024KC-A
R5F213G1CNSP (D) 4 Kbytes
1 Kbyte
× 4
512 byte
PLSP0024JB-A
N version
R5F213G2CNSP (D) 8 Kbytes
1 Kbyte
× 4
1 Kbyte
PLSP0024JB-A
R5F213G4CNSP (D) 16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLSP0024JB-A
R5F213G5CNSP (D) 24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLSP0024JB-A
R5F213G6CNSP (D) 32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLSP0024JB-A
R5F213G1CDSP (D) 4 Kbytes
1 Kbyte
× 4
512 byte
PLSP0024JB-A
D version
R5F213G2CDSP (D) 8 Kbytes
1 Kbyte
× 4
1 Kbyte
PLSP0024JB-A
R5F213G4CDSP (D) 16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLSP0024JB-A
R5F213G5CDSP (D) 24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLSP0024JB-A
R5F213G6CDSP (D) 32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLSP0024JB-A
Part No.
R 5 F 21 3G 6 C N NP
Package type:
NP: PWQN0024KC-A (0.5 mm pin-pitch, 4 mm square body)
SP: PLSP0024JB-A (0.65 mm pin-pitch)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
1: 4 KB
2: 8 KB
4: 16 KB
5: 24 KB
6: 32 KB
R8C/3GC Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com