Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F213G2CDSP Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 51Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 52Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 53Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 54Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 55Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 56Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 57Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 58Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 59Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
R8C/3GC Group
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0301-0010 Rev.0.10
Page 56 of 56
May 24, 2010
Detail F
A1
A2
P-LSSOP24-5.6x7.8-0.65
0.1g
MASS[Typ.]
24P2F-A
PLSP0024JB-A
RENESAS Code
JEITA Package Code
Previous Code
A1
A2
0.2
0.1
ZE
ZD
0.325
bp
HE
HD
y
0.10
0.65
c
0°
10°
L
0.3
0.5
0.7
0
A
1.45
7.4
7.6
7.8
1.15
E
5.5
5.6
5.7
D
7.7
7.8
7.9
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.17
0.22
0.32
0.13
0.15
0.2
x
e
0.13
24
13
12
1
*2
*3
F
Index mark
ZD
D
c
bp
INCLUDE TRIM OFFSET.
DIMENSION "
*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "
*1" AND "*2"
1.
2.
M
S
S
y
e
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com