Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F213G2CDSP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 51Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 52Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 53Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 54Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 55Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 56Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 57Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 58Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 59Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
R8C/3GC Group
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0301-0010 Rev.0.10
Page 55 of 56
May 24, 2010
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Electronics website.
4.1
4.1
3.9
3.9
ZE
ZD
D2
E1
e
A1
D
E
A2
A
bp
x
y
Lp
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.05
0.5
0.15
0.2
0.25
00
0.05
0.8
0.05
4.0
4.0
0.75
0.20
0.30
0.75
0.75
0.40
2.0
2.0
Previous Code
JEITA Package Code
RENESAS Code
PWQN0024KC-A
24PJS-A
MASS[Typ.]
0.03g
P-HWQFN24-4x4-0.50
D
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
D2
Detail F
e
bp
*1
F
M
ZD
Lp
x
24
19
18
13
12
7
6
1
7
12
13
18
19
24
1
6
y
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com