Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 113Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 114Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 115Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 116Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 117Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 118Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 119Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 120Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 115
PIC16F193X/LF193X
8.5.7
FREQUENCY SELECT BITS (IRCF)
The output of the 16 MHz HFINTOSC and 31 kHz
LFINTOSC connects to a postscaler and multiplexer
(see Figure 8-1). The Internal Oscillator Frequency
Select bits IRCF<2:0> of the OSCCON register select
the frequency output of the internal oscillators. One of
eight frequencies can be selected via software:
•16 MHz
•8 MHz
•4 MHz
•2 MHz
•1 MHz
• 500 kHz (Default after Reset)
• 250 kHz
• 125 kHz
• 31 kHz (LFINTOSC)
8.5.8
INTERNAL OSCILLATOR CLOCK
SWITCH TIMING
When switching between the HFINTOSC, MFINTOSC
and the LFINTOSC, the new oscillator may already be
shut down to save power (see Figure 8-6). If this is the
case, there is a delay after the IRCF<3:0> bits of the
OSCCON register are modified before the frequency
selection takes place. The OSCSTAT register will
reflect the current active status of the HFINTOSC,
MFINTOSC and LFINTOSC oscillators. The sequence
of a frequency selection is as follows:
1.
IRCF<3:0> bits of the OSCCON register are
modified.
2.
If the new clock is shut down, a clock start-up
delay is started.
3.
Clock switch circuitry waits for a falling edge of
the current clock.
4.
The current clock is held low and the clock
switch circuitry waits for a rising edge in the new
clock.
5.
The new clock is now active.
6.
The OSCSTAT register is updated as required.
7.
Clock switch is complete.
See Figure 8-6 for more details.
If the internal oscillator speed is switched between two
clocks of the same source, there is no start-up delay
before the new frequency is selected. Clock switching
time delays are shown in Table 8-1.
Start-up delay specifications are located in the
oscillator
tables
of
Section 28.0
“Electrical
Specifications”.
Note:
Following any Reset, the IRCF<2:0> bits of
the OSCCON register are set to ‘110’ and
the frequency selection is set to 4 MHz.
The user can modify the IRCF bits to
select a different frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com