Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 116Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 117Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 118Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 119Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 120Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 121Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 122Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 123Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 118
Preliminary
© 2008 Microchip Technology Inc.
8.7.2
TWO-SPEED START-UP
SEQUENCE
1.
Wake-up from Power-on Reset or Sleep.
2.
Instructions begin execution by the internal
oscillator at the frequency set in the IRCF<3:0>
bits of the OSCCON register.
3.
OST enabled to count 1024 clock cycles.
4.
OST timed out, wait for falling edge of the
internal oscillator.
5.
OSTS is set.
6.
System clock held low until the next falling edge
of new clock (LP, XT or HS mode).
7.
System clock is switched to external clock
source.
8.7.3
CHECKING TWO-SPEED CLOCK
STATUS
Checking the state of the OSTS bit of the OSCSTAT
register will confirm if the microcontroller is running
from the external clock source, as defined by the
FOSC<2:0> bits in the Configuration Word Register 1
(CONFIG1), or the internal oscillator.
FIGURE 8-7:
TWO-SPEED START-UP
0
1
1022 1023
PC + 1
TOST
T
INTOSC
OSC1
OSC2
Program Counter
System Clock
PC - N
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com