Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 145Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 146Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 147Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 148Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 149Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 150Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 151Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 152Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 147
PIC16F193X/LF193X
12.8
Comparator Response Time
The comparator output is indeterminate for a period of
time after the change of an input source or the selection
of a new reference voltage. This period is referred to as
the response time. The response time of the comparator
differs from the settling time of the voltage reference.
Therefore, both of these times must be considered when
determining the total response time to a comparator
input change. See the Comparator and Voltage Refer-
ence Specifications in Section 28.0 “Electrical Specifi-
cations” for more details.
12.9
Interaction with ECCP Logic
The C1 and C2 comparators can be used as general
purpose comparators. Their outputs can be brought
out to the C1OUT and C2OUT pins. However, when
the ECCP Auto-Shutdown is active it can use one or
both comparators. If auto-restart is also enabled the
comparators can be configured as a closed loop
analog feedback to the ECCP thereby, creating an
analog controlled PWM.
12.10 Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 12-3. Since the analog input pins share their
connection with a digital input, they have reverse
biased ESD protection diodes to VDD and VSS. The
analog input, therefore, must be between VSS and VDD.
If the input voltage deviates from this range by more
than 0.6V in either direction, one of the diodes is for-
ward biased and a latch-up may occur.
A maximum source impedance of 10 k
Ω is recommended
for the analog sources. Also, any external component
connected to an analog input pin, such as a capacitor or
a Zener diode, should have very little leakage current to
minimize inaccuracies introduced.
FIGURE 12-3:
ANALOG INPUT MODEL
Note 1: When reading a PORT register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert as an analog input, according to
the input specification.
2: Analog levels on any pin defined as a
digital input, may cause the input buffer to
consume more current than is specified.
VA
Rs < 10K
CPIN
5 pF
VDD
VT
≈ 0.6V
VT
≈ 0.6V
RIC
ILEAKAGE(1)
Vss
AIN
Legend: CPIN
= Input Capacitance
ILEAKAGE = Leakage Current at the pin due to various junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
VT
= Threshold Voltage
To Comparator
Note 1:
See Section 28.0 “Electrical Specifications”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com