Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 143Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 144Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 145Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 146Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 147Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 148Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 149Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 150Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 145
PIC16F193X/LF193X
12.2
Comparator Control
Each comparator has 2 control registers: CMxCON0 and
CMxCON1.
The CMxCON0 registers (see Register 12-1) contain
Control and Status bits for the following:
• Enable
•Output selection
• Output polarity
• Speed/Power selection
• Hysteresis enable
• Output synchronization
The CMxCON1 registers (see Register 12-2) contain
Control bits for the following:
• Interrupt enable
• Interrupt edge polarity
• Positive input channel selection
• Negative input channel selection
12.2.1
COMPARATOR ENABLE
Setting the CxON bit of the CMxCON0 register enables
the comparator for operation. Clearing the CxON bit
disables the comparator resulting in minimum current
consumption.
12.2.2
COMPARATOR OUTPUT
SELECTION
The output of the comparator can be monitored by
reading either the CxOUT bit of the CMxCON0 register
or the MCxOUT bit of the CMOUT register. In order to
make the output available for an external connection,
the following conditions must be true:
• CxOE bit of the CMxCON0 register must be set
• Corresponding TRIS bit must be cleared
• CxON bit of the CMxCON0 register must be set
12.2.3
COMPARATOR OUTPUT POLARITY
Inverting the output of the comparator is functionally
equivalent to swapping the comparator inputs. The
polarity of the comparator output can be inverted by
setting the CxPOL bit of the CMxCON0 register.
Clearing the CxPOL bit results in a non-inverted output.
Table 12-1 shows the output state versus input
conditions, including polarity control.
12.2.4
COMPARATOR SPEED/POWER
SELECTION
The trade-off between speed or power can be opti-
mized during program execution with the CxSP control
bit. The default state for this bit is ‘1’ which selects the
normal speed mode. Device power consumption can
be optimized at the cost of slower comparator propaga-
tion delay by clearing the CxSP bit to ‘0’.
Note 1: The CxOE bit overrides the PORT data
latch. Setting the CxON has no impact on
the port override.
2: The internal output of the comparator is
latched
with
each
instruction
cycle.
Unless
otherwise
specified,
external
outputs are not latched.
TABLE 12-1:
COMPARATOR OUTPUT
STATE VS. INPUT
CONDITIONS
Input Condition
CxPOL
CxOUT
CxVN > CxVP
00
CxVN < CxVP
01
CxVN > CxVP
10
CxVN < CxVP
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com