Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 139Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 140Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 141Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 142Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 143Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 144Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 145Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 146Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 141
PIC16F193X/LF193X
FIGURE 11-4:
ANALOG INPUT MODEL
FIGURE 11-5:
ADC TRANSFER FUNCTION
CPIN
VA
Rs
ANx
5 pF
VDD
VT
≈ 0.6V
VT
≈ 0.6V
I LEAKAGE(1)
RIC
≤ 1k
Sampling
Switch
SS
Rss
CHOLD = 10 pF
VSS/VREF-
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
Legend:
CPIN
VT
I LEAKAGE
RIC
SS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage current at the pin due to
= Interconnect Resistance
= Sampling Switch
= Sample/Hold Capacitance
various junctions
RSS
Note 1: Refer to Section 28.0 “Electrical Specifications”.
RSS
= Resistance of Sampling Switch
FFh
FEh
FDh
FCh
04h
03h
02h
01h
00h
Full-Scale
FBh
1 LSB ideal
VSS
Zero-Scale
Transition
VREF
Transition
1 LSB ideal
Full-Scale Range
Analog Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com