Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 136Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 137Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 138Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 139Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 140Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 141Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 142Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 143Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 138
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 11-2:
ADCON1: A/D CONTROL REGISTER 1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
ADFM
ADCS2
ADCS1
ADCS0
—
ADNREF
ADPREF1
ADPREF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified. Six Most Significant bits of ADRESH are set to ‘0’ when the conversion result is
loaded.
0
= Left justified. Six Least Significant bits of ADRESL are set to ‘0’ when the conversion result is
loaded.
bit 6-4
ADCS<2:0>: A/D Conversion Clock Select bits
000
=FOSC/2
001
=FOSC/8
010
=FOSC/32
011
=FRC (clock supplied from a dedicated RC oscillator)
100
=FOSC/4
101
=FOSC/16
110
=FOSC/64
111
=FRC (clock supplied from a dedicated RC oscillator)
bit 3
Unimplemented: Read as ‘0’
bit 2
ADNREF: A/D Negative Voltage Reference Configuration bit
0
=VREF- is connected to AVSS
1
=VREF- is connected to external VREF-
bit 1-0
ADPREF<1:0>: A/D Positive Voltage Reference Configuration bits
00
=VREF+ is connected to AVDD
01
= Reserved
10
=VREF+ is connected to external VREF+
11
=VREF+ is connected to internal fixed voltage reference
REGISTER 11-3:
ADRESH: ADC RESULT REGISTER HIGH (ADRESH) ADFM = 0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
ADRES9
ADRES8
ADRES7
ADRES6
ADRES5
ADRES4
ADRES3
ADRES2
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
ADRES<9:2>: ADC Result Register bits
Upper 8 bits of 10-bit conversion result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com