Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 138Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 139Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 140Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 141Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 142Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 143Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 144Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 145Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 140
Preliminary
© 2008 Microchip Technology Inc.
11.3
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 11-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), refer
to
Figure 11-4.
The
maximum
recommended
impedance for analog sources is 10 k
Ω. As the
source impedance is decreased, the acquisition time
may be decreased. After the analog input channel is
selected (or changed), an A/D acquisition must be
done before the conversion can be started. To calculate
the minimum acquisition time, Equation 11-1 may be
used. This equation assumes that 1/2 LSb error is used
(256 steps for the ADC). The 1/2 LSb error is the
maximum error allowed for the ADC to meet its
specified resolution.
EQUATION 11-1:
ACQUISITION TIME EXAMPLE
TACQ
Amplifier Settling Time
Hold Capacitor Charging Time
Temperature Coefficient
++
=
TAMP
TC
TCOFF
++
=
2µs
TC
Temperature - 25°C
() 0.05µs/°C
()
[]
++
=
TC
CHOLD RIC
RSS
RS
++
() ln(1/511)
–
=
10pF 1k
Ω 7kΩ 10kΩ
++
()
–
ln(0.001957)
=
1.12
=
µs
TACQ
2ΜS
1.12ΜS
50°C- 25°C
() 0.05ΜS/°C
()
[]
++
=
4.42ΜS
=
VAPPLIED 1e
Tc
–
RC
---------
–
⎝⎠
⎜⎟
⎛⎞
VAPPLIED 1
1
2
n1
+
() 1
–
--------------------------
–
⎝⎠
⎛⎞
=
VAPPLIED 1
1
2
n1
+
() 1
–
--------------------------
–
⎝⎠
⎛⎞
VCHOLD
=
VAPPLIED 1e
TC
–
RC
----------
–
⎝⎠
⎜⎟
⎛⎞
VCHOLD
=
;[1] VCHOLD charged to within 1/2 lsb
;[2] VCHOLD charge response to VAPPLIED
;combining [1] and [2]
The value for TC can be approximated with the following equations:
Solving for TC:
Therefore:
Temperature
50°C and external impedance of 10k
Ω 5.0V VDD
=
Assumptions:
Note: Where n = number of bits of the ADC.
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
3: The maximum recommended impedance for analog sources is 10 k
Ω. This is required to meet the pin
leakage specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com