Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 167Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 168Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 169Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 170Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 171Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 172Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 173Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 174Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 169
PIC16F193X/LF193X
16.11 Timer1 Control Register
The Timer1 Control register (T1CON), shown in
Register 16-1, is used to control Timer1 and select the
various features of the Timer1 module.
REGISTER 16-1:
T1CON: TIMER1 CONTROL REGISTER
R/W-0/u
R/W-0/u
R/W-0/u
R/W-0/u
R/W-0/u
R/W-0/u
U-0
R/W-0/u
TMR1CS1
TMR1CS0
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
TMR1CS<1:0>: Timer1 Clock Source Select bits
11
= Timer1 clock source is Capacitive Sensing Oscillator (CAPOSC)
10
= Timer1 clock source is pin or oscillator:
If T1OSCEN = 0:
External clock from T1CKI pin (on the rising edge)
If T1OSCEN = 1:
Crystal oscillator on T1OSI/T1OSO pins
01
= Timer1 clock source is system clock (FOSC)
00
= Timer1 clock source is instruction clock (FOSC/4)
bit 5-4
T1CKPS<1:0>: Timer1 Input Clock Prescale Select bits
11
= 1:8 Prescale value
10
= 1:4 Prescale value
01
= 1:2 Prescale value
00
= 1:1 Prescale value
bit 3
T1OSCEN: LP Oscillator Enable Control bit
1
= Dedicated Timer1 oscillator circuit enabled
0
= Dedicated Timer1 oscillator circuit disabled
bit 2
T1SYNC: Timer1 External Clock Input Synchronization Control bit
TMR1CS<1:0> = 1X
1
= Do not synchronize external clock input
0
= Synchronize external clock input with system clock (FOSC)
TMR1CS<1:0> = 0X
This bit is ignored. Timer1 uses the internal clock when TMR1CS<1:0> = 1X.
bit 1
Unimplemented: Read as ‘0’
bit 0
TMR1ON: Timer1 On bit
1
= Enables Timer1
0
= Stops Timer1
Clears Timer1 Gate flip-flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com