Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 168Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 169Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 170Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 171Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 172Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 173Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 174Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 175Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 170
Preliminary
© 2008 Microchip Technology Inc.
16.12 Timer1 Gate Control Register
The Timer1 Gate Control register (T1GCON), shown in
Register 16-2, is used to control Timer1 Gate.
REGISTER 16-2:
T1GCON: TIMER1 GATE CONTROL REGISTER
R/W-0/u
R/W-0/u
R/W-0/u
R/W-0/u
R/W-0/u
R-x/x
R/W-0/u
R/W-0/u
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS1
T1GSS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
TMR1GE: Timer1 Gate Enable bit
If TMR1ON = 0:
This bit is ignored
If TMR1ON = 1:
1
= Timer1 counting is controlled by the Timer1 gate function
0
= Timer1 counts regardless of Timer1 gate function
bit 6
T1GPOL: Timer1 Gate Polarity bit
1
= Timer1 gate is active-high (Timer1 counts when gate is high)
0
= Timer1 gate is active-low (Timer1 counts when gate is low)
bit 5
T1GTM: Timer1 Gate Toggle Mode bit
1
= Timer1 Gate Toggle mode is enabled
0
= Timer1 Gate Toggle mode is disabled and toggle flip flop is cleared
Timer1 gate flip-flop toggles on every rising edge.
bit 4
T1GSPM: Timer1 Gate Single-Pulse Mode bit
1
= Timer1 gate Single-Pulse mode is enabled and is controlling Timer1 gate
0
= Timer1 gate Single-Pulse mode is disabled
bit 3
T1GGO/DONE: Timer1 Gate Single-Pulse Acquisition Status bit
1
= Timer1 gate single-pulse acquisition is ready, waiting for an edge
0
= Timer1 gate single-pulse acquisition has completed or has not been started
This bit is automatically cleared when T1GSPM is cleared.
bit 2
T1GVAL: Timer1 Gate Current State bit
Indicates the current state of the Timer1 gate that could be provided to TMR1H:TMR1L.
Unaffected by Timer1 Gate Enable (TMR1GE).
bit 1-0
T1GSS<1:0>: Timer1 Gate Source Select bits
00
= Timer1 Gate pin
01
= Timer0 overflow output
10
= Comparator 1 optionally synchronized output (SYNCC1OUT)
11
= Comparator 2 optionally synchronized output (SYNCC2OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com