Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 172Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 173Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 174Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 175Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 176Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 177Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 178Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 179Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 174
Preliminary
© 2008 Microchip Technology Inc.
17.1
Timer2/4/6 Operation
The clock input to the Timer2/4/6 modules is the
system instruction clock (FOSC/4).
TMRx increments from 00h on each clock edge.
A 4-bit counter/prescaler on the clock input allows direct
input, divide-by-4 and divide-by-16 prescale options.
These options are selected by the prescaler control bits,
TxCKPS<1:0> of the TxCON register. The value of
TMRx is compared to that of the Period register, PRx, on
each clock cycle. When the two values match, the
comparator generates a match signal as the timer
output. This signal also resets the value of TMRx to 00h
on
the
next
cycle
and
drives
the
output
counter/postscaler
(see
Section 17.2
“Timer2/4/6
Interrupt”).
The TMRx and PRx registers are both directly readable
and writable. The TMRx register is cleared on any
device Reset, whereas the PRx register initializes to
FFh. Both the prescaler and postscaler counters are
cleared on the following events:
• a write to the TMRx register
• a write to the TxCON register
• Power-on Reset (POR)
• Brown-out Reset (BOR)
•MCLR Reset
• Watchdog Timer (WDT) Reset
• Stack Overflow Reset
• Stack Underflow Reset
• RESET Instruction
17.2
Timer2/4/6 Interrupt
Timer2/4/6 can also generate an optional device
interrupt. The Timer2/4/6 output signal (TMRx-to-PRx
match)
provides
the
input
for
the
4-bit
counter/postscaler. This counter generates the TMRx
match interrupt flag which is latched in TMRxIF of the
PIRx register. The interrupt is enabled by setting the
TMRx Match Interrupt Enable bit, TMRxIE of the PIEx
register.
A range of 16 postscale options (from 1:1 through 1:16
inclusive) can be selected with the postscaler control
bits, TxOUTPS<3:0>, of the TxCON register.
17.3
Timer2/4/6 Output
The unscaled output of TMRx is available primarily to
the CCP modules, where it is used as a time base for
operations in PWM mode.
Timer2 can be optionally used as the shift clock source
for the MSSPx modules operating in SPI mode.
Additional information is provided in Section 17.0
“SSP Module Overview”
17.4
Timer2/4/6 Operation During Sleep
The Timerx timers cannot be operated while the
processor is in Sleep mode. The contents of the TMRx
and PRx registers will remain unchanged while the
processor is in Sleep mode.
Note:
TMRx is not cleared when TxCON is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com