Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 179Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 180Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 181Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 182Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 183Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 184Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 185Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 186Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 181
PIC16F193X/LF193X
TABLE 18-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPACITIVE SENSING
REGISTER 18-2:
CPSCON1: CAPACITIVE SENSING CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0/0(1, 2)
R/W-0/0(1)
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
CPSCH4
CPSCH3
CPSCH2
CPSCH1
CPSCH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
CPSCH<3:0>: Capacitive Sensing Channel Select bits
If CPSON = 0:
These bits are ignored. No channel is selected.
If CPSON = 1:
0000
=
channel 0, (CPS0)
0001
=
channel 1, (CPS1)
0010
=
channel 2, (CPS2)
0011
=
channel 3, (CPS3)
0100
=
channel 4, (CPS4)
0101
=
channel 5, (CPS5)
0110
=
channel 6, (CPS6)
0111
=
channel 7, (CPS7)
1000
=
channel 8, (CPS8(1))
1001
=
channel 9, (CPS9(1))
1010
=
channel 10, (CPS10(1))
1011
=
channel 11, (CPS11(1))
1100
=
channel 12, (CPS12(1))
1101
=
channel 13, (CPS13(1))
1110
=
channel 14, (CPS14(1))
1111
=
channel 15, (CPS15(1))
Note 1:
These channels are not implemented on the PIC16F1933/1936/1938/PIC16LF1933/1936/1938.
2:
This bit is not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938, read as ‘0’
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
86
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
91
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
97
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
73
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS2
PS1
PS0
51
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
74
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
77
T1CON
TMR1CS1
TMR1CS0
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
169
TxCON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMRXON
TXCKPS1
TXCKPS0
175
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
86
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
91
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
97
Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the capacitive
sensing module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com