Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 183Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 184Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 185Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 186Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 187Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 188Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 189Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 190Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 185
PIC16F193X/LF193X
19.2
CCP Clock Selection
The PIC16F193X/LF193X allows each individual CCP
module to select the timer source that controls the CCP
module. Each module has an independent selection.
As the PIC16F193X/LF193X has only one 16-bit timer
(Timer1), the Capture and Compare modes of the CCP
modules always uses Timer1. As there are three 8-bit
timers with auto-reload (Timer2, Timer4 and Timer6),
PWM mode on the CCP modules can use any of these
timers.
The following registers are used to select which timer is
used:
• CCP Timers Control Register 0 (CCPTMRS0)
• CCP Timers Control Register 1 (CCPTMRS1)
REGISTER 19-2:
CCPTMRS0: CCP TIMERS CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
C4TSEL1
C4TSEL0
C3TSEL1
C3TSEL0
C2TSEL1
C2TSEL0
C1TSEL1
C1TSEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
C4TSEL<1:0>: CCP4 Timer Selection
00
= CCP4 is based off Timer 2 in PWM Mode
01
= CCP4 is based off Timer 4 in PWM Mode
10
= CCP4 is based off Timer 6 in PWM Mode
11
=Reserved
bit 5-4
C3TSEL<1:0>: CCP3 Timer Selection
00
= CCP3 is based off Timer 2 in PWM Mode
01
= CCP3 is based off Timer 4 in PWM Mode
10
= CCP3 is based off Timer 6 in PWM Mode
11
=Reserved
bit 3-2
C2TSEL<1:0>: CCP2 Timer Selection
00
= CCP2 is based off Timer 2 in PWM Mode
01
= CCP2 is based off Timer 4 in PWM Mode
10
= CCP2 is based off Timer 6 in PWM Mode
11
=Reserved
bit 1-0
C1TSEL<1:0>: CCP1 Timer Selection
00
= CCP1 is based off Timer 2 in PWM Mode
01
= CCP1 is based off Timer 4 in PWM Mode
10
= CCP1 is based off Timer 6 in PWM Mode
11
=Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com