Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 188Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 189Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 190Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 191Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 192Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 193Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 194Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 195Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 190
Preliminary
© 2008 Microchip Technology Inc.
TABLE 19-3:
REGISTERS ASSOCIATED WITH COMPARE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCPxCON
PxM1(1)
PxM0(1)
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
184
CCPRxL
Capture/Compare/PWM Register x Low Byte (LSB)
187
CCPRxH
Capture/Compare/PWM Register x High Byte (MSB)
187
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
148
CM1CON1
C1INTP
C1INTN
C1PCH1
C1PCH0
—
—
C1NCH1
C1NCH0
149
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
148
CM2CON1
C2INTP
C2INTN
C2PCH1
C2PCH0
—
—
C2NCH1
C2NCH0
149
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
73
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
74
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
—
CCP2IE
75
PIE3
—
CCP5IE
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—
76
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
77
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
—CCP2IF
78
PIR3
—
CCP5IF
CCP4IF
CCP3IF
TMR6IF
—
TMR4IF
—
79
T1CON
TMR1CS1 TMR1CS0 T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
169
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS1
T1GSS0
170
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
165
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
165
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
86
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
91
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
94
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
97
TRISE
—
—
—
—
TRISE3
TRISE2(2)
TRISE1(2)
TRISE0(2)
101
Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture
and Compare.
Note 1:
Applies to ECCP modules only.
2: These bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com