Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 189Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 190Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 191Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 192Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 193Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 194Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 195Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 196Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 191
PIC16F193X/LF193X
19.5
PWM Mode
The PWM mode generates a Pulse-Width Modulated
signal on the CCPx pin. The duty cycle, period and
resolution are determined by the following registers:
•PRx
•TxCON
• CCPRxL
• CCPxCON
The ECCP modules have the following additional
registers:
• ECCPxAS
• PSTRxCON
•PWMxCON
In Pulse-Width Modulation (PWM) mode, the CCPx
module produces up to a 10-bit resolution PWM output
on the CCPx pin. Since the CCPx pin is multiplexed
with the PORT data latch, the TRIS for that pin must be
cleared to enable the CCPx pin output driver.
The CCPx module in PWM mode can have the PWM
based off of either Timer2, Timer4 or TImer6. This is
controlled by the CCPTMRS0 and CCPTMRS1
registers.
Reference
Section 19.2
“CCP
Clock
Selection” for more information.
Figure 19-3 shows a simplified block diagram of PWM
operation.
Figure 19-4 shows a typical waveform of the PWM
signal.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, see Section 19.5.7
“Setup for PWM Operation”.
FIGURE 19-3:
SIMPLIFIED PWM BLOCK
DIAGRAM
The PWM output (Figure 19-4) has a time base
(period) and a time that the output stays high (duty
cycle).
FIGURE 19-4:
CCP PWM OUTPUT
Note:
Clearing
the
CCPxCON
register
will
relinquish CCPx control of the CCPx pin.
CCPRxL
CCPRxH(2) (Slave)
Comparator
TMRx
PRx
(1)
RQ
S
Duty Cycle Registers
CCPxCON<5:4>
Clear Timerx,
toggle CCPx pin and
latch duty cycle
Note
1:
The 8-bit timer TMR2 register is concatenated
with the 2-bit internal system clock (FOSC), or
2 bits of the prescaler, to create the 10-bit time
base.
2:
In PWM mode, CCPRxH is a read-only register.
TRIS
CCPx
Comparator
Period
Pulse Width
TMRX = 0
TMRx\2 = CCPRxH:CCPxCON<5:4>
TMRx = PRx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com