Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11AA080T-ITT Datasheet(PDF) 3 Page - Microchip Technology

Part # 11AA080T-ITT
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080T-ITT Datasheet(HTML) 3 Page - Microchip Technology

  11AA080T-ITT Datasheet HTML 1Page - Microchip Technology 11AA080T-ITT Datasheet HTML 2Page - Microchip Technology 11AA080T-ITT Datasheet HTML 3Page - Microchip Technology 11AA080T-ITT Datasheet HTML 4Page - Microchip Technology 11AA080T-ITT Datasheet HTML 5Page - Microchip Technology 11AA080T-ITT Datasheet HTML 6Page - Microchip Technology 11AA080T-ITT Datasheet HTML 7Page - Microchip Technology 11AA080T-ITT Datasheet HTML 8Page - Microchip Technology 11AA080T-ITT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 3
11AAXXX/11LCXXX
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
SCIO w.r.t. VSS.....................................................................................................................................-0.6V to VCC+1.0V
Storage temperature ................................................................................................................................. -65°C to 150°C
Ambient temperature under bias............................................................................................................... -40°C to 125°C
ESD protection on all pins.......................................................................................................................................... 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 2.5V to 5.5V
TA = -40°C to +85°C
VCC = 1.8V to 2.5V
TA = -20°C to +85°C
Automotive (E):
VCC = 2.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
D1
VIH
High-level input
voltage
0.7*VCC
VCC+1
V
D2
VIL
Low-level input
voltage
-0.3
-0.3
0.3*VCC
0.2*VCC
V
V
VCC
2.5V
VCC < 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs (SCIO)
0.05*Vcc
—
V
VCC
2.5V (Note 1)
D4
VOH
High-level output
voltage
VCC -0.5
VCC -0.5
—
—
V
V
IOH = -300
A, VCC = 5.5V
IOH = -200
A, Vcc = 2.5V
D5
VOL
Low-level output
voltage
—
—
0.4
0.4
V
V
IOI = 300
A, VCC = 5.5V
IOI = 200
A, Vcc = 2.5V
D6
IO
Output current limit
(Note 2)
—
—
±4
±3
mA
mA
VCC = 5.5V (Note 1)
Vcc = 2.5V (Note 1)
D7
ILI
Input leakage current
(SCIO)
—±1
AVIN = VSS or VCC
D8
CINT
Internal Capacitance
(all inputs and
outputs)
—7
pF
TA = 25°C, FCLK = 1 MHz,
VCC = 5.0V (Note 1)
D9
ICC Read Read Operating
Current
—
—
3
1
mA
mA
VCC=5.5V; FBUS=100 kHz, CB=100 pF
VCC=2.5V; FBUS=100 kHz, CB=100 pF
D10
ICC Write Write Operating
Current
—
—
5
3
mA
mA
VCC = 5.5V
VCC = 2.5V
D11
Iccs
Standby Current
—
—
5
1
A
A
VCC = 5.5V
TA = 125°C
VCC = 5.5V
TA = 85°C
D12
ICCI
Idle Mode Current
—
50
AVCC = 5.5V
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
The SCIO output driver impedance will vary to ensure IO is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com