Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11AA080T-ITT Datasheet(PDF) 6 Page - Microchip Technology

Part # 11AA080T-ITT
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080T-ITT Datasheet(HTML) 6 Page - Microchip Technology

Back Button 11AA080T-ITT Datasheet HTML 2Page - Microchip Technology 11AA080T-ITT Datasheet HTML 3Page - Microchip Technology 11AA080T-ITT Datasheet HTML 4Page - Microchip Technology 11AA080T-ITT Datasheet HTML 5Page - Microchip Technology 11AA080T-ITT Datasheet HTML 6Page - Microchip Technology 11AA080T-ITT Datasheet HTML 7Page - Microchip Technology 11AA080T-ITT Datasheet HTML 8Page - Microchip Technology 11AA080T-ITT Datasheet HTML 9Page - Microchip Technology 11AA080T-ITT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 6
Preliminary
 2010 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
2.1
Principles of Operation
The 11XX family of serial EEPROMs support the
UNI/O® protocol. They can be interfaced with
microcontrollers, including Microchip’s PIC® microcon-
trollers, ASICs, or any other device with an available
discrete I/O line that can be configured properly to
match the UNI/O protocol.
The 11XX devices contain an 8-bit instruction register.
The devices are accessed via the SCIO pin.
Table 4-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses, and data are transferred MSb first, LSb
last.
Data is embedded into the I/O stream through
Manchester encoding. The bus is controlled by a
master device which determines the clock period, con-
trols the bus access and initiates all operations, while
the 11XX works as slave. Both master and slave can
operate as transmitter or receiver, but the master
device determines which mode is active.
FIGURE 2-1:
BLOCK DIAGRAM
SCIO
STATUS
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
Vcc
Vss
Current-
Limited
Slope
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com