Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11AA080T-ITT Datasheet(PDF) 8 Page - Microchip Technology

Part # 11AA080T-ITT
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080T-ITT Datasheet(HTML) 8 Page - Microchip Technology

Back Button 11AA080T-ITT Datasheet HTML 4Page - Microchip Technology 11AA080T-ITT Datasheet HTML 5Page - Microchip Technology 11AA080T-ITT Datasheet HTML 6Page - Microchip Technology 11AA080T-ITT Datasheet HTML 7Page - Microchip Technology 11AA080T-ITT Datasheet HTML 8Page - Microchip Technology 11AA080T-ITT Datasheet HTML 9Page - Microchip Technology 11AA080T-ITT Datasheet HTML 10Page - Microchip Technology 11AA080T-ITT Datasheet HTML 11Page - Microchip Technology 11AA080T-ITT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 8
Preliminary
 2010 Microchip Technology Inc.
3.3
Acknowledge
An Acknowledge routine occurs after each byte is
transmitted, including the start header. This routine
consists of two bits. The first bit is transmitted by the
master, and the second bit is transmitted by the slave.
The Master Acknowledge, or MAK, is signified by trans-
mitting a ‘
1’, and informs the slave that the current
operation is to be continued. Conversely, a Not
Acknowledge, or NoMAK, is signified by transmitting a
‘0’, and is used to end the current operation (and initiate
the write cycle for write operations).
The slave Acknowledge, or SAK, is also signified by
transmitting a ‘
1’, and confirms proper communication.
However, unlike the NoMAK, the NoSAK is signified by
the lack of a middle edge during the bit period.
A NoSAK will occur for the following events:
• Following the start header
• Following the device address, if no slave on the
bus matches the transmitted address
• Following the command byte, if the command is
invalid, including Read, CRRD, Write, WRSR,
SETAL, and ERAL during a write cycle.
• If the slave becomes out of sync with the master
• If a command is terminated prematurely by using
a NoMAK, with the exception of immediately after
the device address.
See Figure 3.3 and Figure 3-4 for details.
If a NoSAK is received from the slave after any byte
(except the start header), an error has occurred. The
master should then perform a standby pulse and begin
the desired command again.
FIGURE 3-3:
ACKNOWLEDGE
ROUTINE
FIGURE 3-4:
ACKNOWLEDGE BITS
3.4
Device Addressing
A device address byte is the first byte received from the
master device following the start header. The device
address byte consists of a four-bit family code, for the
11XX this is set as ‘
1010’. The last four bits of the
device address byte are the device code, which is
hardwired to ‘
0000’ on the 11XXXX0 devices.
The device code on 11XXXX1 devices is hardwired to
‘0001’. This allows both 11XXXX0 and 11XXXX1
devices to be used on the same bus without address
conflicts.
FIGURE 3-5:
DEVICE ADDRESS BYTE
ALLOCATION
3.5
Bus Conflict Protection
To help guard against high current conditions arising
from bus conflicts, the 11XX features a current-limited
output driver. The IOL and IOH specifications describe
the maximum current that can be sunk or sourced,
respectively, by the SCIO pin. The 11XX will vary the
output driver impedance to ensure that the maximum
current level is not exceeded.
Note: A MAK must always be transmitted
following the start header.
Note: When a NoMAK is used to end a
WRITE
or
WRSR instruction, the write cycle is
not initiated if no bytes of data have
been received.
Note: In order to guard against bus contention,
a NoSAK will occur after the start
header.
Master
Slave
MAK
SAK
MAK (‘1’)
NoMAK (‘0’)
SAK (‘1’)
NoSAK(1)
Note 1:
valid SAK.
A NoSAK is defined as any sequence that is not a
1010
000
MAK
SLAVE ADDRESS
0(1)
SAK
Note 1:
This bit is a ‘1’ on the 11XXXX1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com