Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA200T-I/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24F04KA200T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200T-I/SS Datasheet(HTML) 3 Page - Microchip Technology

  PIC24F04KA200T-I/SS Datasheet HTML 1Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 2Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 3Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 4Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 5Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 6Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 7Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 8Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 1
PIC24F04KA201 FAMILY
Power Management Modes:
• Run – CPU, Flash, SRAM and Peripherals On
• Doze – CPU Clock Runs Slower than Peripherals
• Idle – CPU Off, Flash, SRAM and Peripherals On
• Sleep – CPU, Flash and Peripherals Off and SRAM
On
• Deep Sleep – CPU, Flash, SRAM and
Most Peripherals Off
• Run mode Currents Down to 8
μA Typical
• Idle mode Currents Down to 2
μA Typical
• Deep Sleep mode Currents Down to 20 nA Typical
• Watchdog Timer 350 nA, 1.8V Typical
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator with 4x PLL Option and
Multiple Divide Options
• 17-Bit by 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
Peripheral Features:
• Serial Communication modules:
- SPI, I2C™ and UART modules
• Three 16-Bit Timers/Counters with Programmable
Prescaler
• 16-Bit Capture Inputs
• 16-Bit Compare/PWM Output
• Configurable Open-Drain Outputs on Digital I/O Pins
• Up to Three External Interrupt Sources
Analog Features:
• 10-Bit, up to 9-Channel Analog-to-Digital Converter:
- 500 ksps conversion rate
- Conversion available during Sleep and Idle
• Dual Analog Comparators with Programmable Input/
Output Configuration
• Charge Time Measurement Unit (CTMU):
- Used for capacitance sensing
- Compatible with mTouch™ capacitive sensing
- Time measurement, down to 1 ns resolution
- Delay/pulse generation, down to 1 ns resolution
Special Microcontroller Features:
• Operating Voltage Range of 1.8V to 3.6V
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Flash Program Memory:
- Erase/write cycles: 10000 minimum
- 40 years data retention minimum
• Fail-Safe Clock Monitor
• System Frequency Range Declaration bits:
- Declaring the frequency range helps in optimizing the
current consumption.
• Flexible Watchdog Timer (WDT) with On-Chip,
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™)
• Programmable High/Low-Voltage Detect (HLVD)
• Brown-out Reset (BOR):
- Standard BOR with three programmable trip points;
can be disabled in Sleep
• Extreme Low-Power DSBOR for Deep Sleep,
LPBOR for all other modes
PIC24F
Device
04KA200
14
4K
512
3
1
1
1
1
1
7
2
7
04KA201
20
4K
512
3
1
1
1
1
1
9
2
9
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers
with nanoWatt XLP™ Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com