Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA200T-I/SS Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC24F04KA200T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200T-I/SS Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC24F04KA200T-I/SS Datasheet HTML 91Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 92Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 93Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 94Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 95Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 96Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 97Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 98Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 93
PIC24F04KA201 FAMILY
Exiting Deep Sleep mode generally does not retain the
state of the device and is equivalent to a Power-on
Reset (POR) of the device. Exceptions to this include
the DSGPRx registers and DSWSRC.
Wake-up events that occur from the time Deep Sleep
exits until the time the POR sequence completes are
ignored, and are not be captured in the DSWAKE
register.
The sequence for exiting Deep Sleep mode is:
1.
After a wake-up event, the device exits Deep
Sleep and performs a POR. The DSEN bit is
cleared automatically. Code execution resumes
at the Reset vector.
2.
To determine if the device exited Deep Sleep,
read the Deep Sleep bit, DPSLP (RCON<10>).
This bit will be set if there was an exit from Deep
Sleep mode. If the bit is set, clear it.
3.
Determine the wake-up source by reading the
DSWAKE register.
4.
Determine if a DSBOR event occurred during
Deep Sleep mode by reading the DSBOR bit
(DSCON<1>).
5.
If application context data has been saved, read
it back from the DSGPR0 and DSGPR1
registers.
6.
Clear the RELEASE bit (DSCON<0>).
9.2.4.3
Saving Context Data with the
DSGPR0/DSGPR1 Registers
As exiting Deep Sleep mode causes a POR, most
Special Function Registers reset to their default POR
values. In addition, because VDDCORE power is not
supplied in Deep Sleep mode, information in data RAM
may be lost when exiting this mode.
Applications which require critical data to be saved
prior to Deep Sleep may use the Deep Sleep General
Purpose registers, DSGPR0 and DSGPR1, or data
EEPROM (if available). Unlike other SFRs, the con-
tents of these registers are preserved while the device
is in Deep Sleep mode. After exiting Deep Sleep,
software can restore the data by reading the registers
and clearing the RELEASE bit (DSCON<0>).
9.2.4.4
I/O Pins During Deep Sleep
During Deep Sleep, the general purpose I/O pins retain
their previous states and the Secondary Oscillator
(SOSC) will remain running, if enabled. Pins that are
configured as inputs (TRIS bit set) prior to entry into
Deep Sleep remain high-impedance during Deep
Sleep. Pins that are configured as outputs (TRIS bit
clear) prior to entry into Deep Sleep remain as output
pins during Deep Sleep. While in this mode, they con-
tinue to drive the output level determined by their
corresponding LAT bit at the time of entry into Deep
Sleep.
Once the device wakes back up, all I/O pins continue to
maintain their previous states, even after the device
has finished the POR sequence and is executing appli-
cation code again. Pins configured as inputs during
Deep Sleep remain high-impedance and pins config-
ured as outputs continue to drive their previous value.
After waking up, the TRIS and LAT registers, and the
SOSCEN bit (OSCCON<1>) are reset. If firmware
modifies any of these bits or registers, the I/O will not
immediately go to the newly configured states. Once
the firmware clears the RELEASE bit (DSCON<0>) the
I/O pins are “released”. This causes the I/O pins to take
the states configured by their respective TRIS and LAT
bit values.
This means that keeping the SOSC running after
waking up requires the SOSCEN bit to be set before
clearing RELEASE.
If the Deep Sleep BOR (DSBOR) is enabled, and a
DSBOR or a true POR event occurs during Deep
Sleep, the I/O pins will be immediately released similar
to clearing the RELEASE bit. All previous state infor-
mation will be lost, including the general purpose
DSGPR0 and DSGPR1 contents.
If a MCLR Reset event occurs during Deep Sleep, the
DSGPRx, DSCON and DSWAKE registers will remain
valid and the RELEASE bit will remain set. The state of
the SOSC also will be retained. The I/O pins, however,
will be reset to their MCLR Reset state. Since
RELEASE is still set, changes to the SOSCEN bit
(OSCCON<1>) cannot take effect until the RELEASE
bit is cleared.
In all other Deep Sleep wake-up cases, application
firmware must clear the RELEASE bit in order to
reconfigure the I/O pins.
Note:
Any interrupt pending when entering Deep
Sleep mode is cleared,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com