Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA200T-I/SS Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC24F04KA200T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200T-I/SS Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC24F04KA200T-I/SS Datasheet HTML 83Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 84Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 85Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 86Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 87Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 88Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 89Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 90Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 85
PIC24F04KA201 FAMILY
REGISTER 8-2:
CLKDIV: CLOCK DIVIDER REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
ROI
DOZE2
DOZE1
DOZE0
DOZEN(1)
RCDIV2
RCDIV1
RCDIV0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROI:
Recover on Interrupt bit
1
= Interrupts clear the DOZEN bit and reset the CPU and peripheral clock ratio to 1:1
0
= Interrupts have no effect on the DOZEN bit
bit 14-12
DOZE<2:0>:
CPU and Peripheral Clock Ratio Select bits
111
= 1:128
110
= 1:64
101
= 1:32
100
= 1:16
011
= 1:8
010
= 1:4
001
= 1:2
000
= 1:1
bit 11
DOZEN:
DOZE Enable bit(1)
1
= DOZE<2:0> bits specify the CPU and peripheral clock ratio
0
= CPU and peripheral clock ratio set to 1:1
bit 10-8
RCDIV<2:0>:
FRC Postscaler Select bits
When OSCCON (COSC<2:0>) = 111:
111
= 31.25 kHz (divide by 256)
110
= 125 kHz (divide by 64)
101
= 250 kHz (divide by 32)
100
= 500 kHz (divide by 16)
011
= 1 MHz (divide by 8)
010
= 2 MHz (divide by 4)
001
= 4 MHz (divide by 2) (default)
000
= 8 MHz (divide by 1)
When OSCCON (COSC<2:0>) = 110:
111
= 1.95 kHz (divide by 256)
110
= 7.81 kHz (divide by 64)
101
= 15.62 kHz (divide by 32)
100
= 31.25 kHz (divide by 16)
011
= 62.5 kHz (divide by 8)
010
= 125 kHz (divide by 4)
001
= 250 kHz (divide by 2) (default)
000
= 500 kHz (divide by 1)
bit 7-0
Unimplemented:
Read as ‘0’
Note 1:
This bit is automatically cleared when the ROI bit is set and an interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com