Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 197Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 198Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 199Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 200Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 201Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 202Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 203Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 204Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 199
PIC24F04KA201 FAMILY
TABLE 26-20: PLL CLOCK TIMING SPECIFICATIONS (VDD = 1.8V TO 3.6V)
AC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Sym
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
OS50
FPLLI
PLL Input Frequency
Range
4
—
8
MHz
ECPLL, HSPLL modes
OS51
FSYS
PLL Output Frequency
Range
16
—
32
MHz
OS52
TLOCK PLL Start-up Time
(Lock Time)
——
2
ms
OS53
DCLK
CLKO Stability (Jitter)
-2
1
2
%
Measured over 100 ms period
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
TABLE 26-21: AC CHARACTERISTICS: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
Internal FRC Accuracy @ 8 MHz(1)
F20
FRC
-2
—
2
%
+25°C
3.0V
≤ VDD ≤ 3.6V
-5
—
5
%
-40°C
≤ TA ≤ +85°C
Note 1:
Frequency calibrated at 25°C and 3.3V. OSCTUN bits can be used to compensate for temperature drift.
TABLE 26-22: AC CHARACTERISTICS: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
LPRC @ 31 kHz(1)
F21
-15
—
15
%
+25°C
3.0V
≤ VDD ≤ 3.6V
-15
—
15
%
-40°C
≤ TA ≤ +85°C
Note 1:
Change of LPRC frequency as VDD changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com