Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 23Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 24Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 25Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 26Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 27Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 28Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 29Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 30Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 25
PIC24F04KA201 FAMILY
4.0
MEMORY ORGANIZATION
As with Harvard architecture devices, the PIC24F
microcontrollers feature separate program and data
memory space and busing. This architecture also
allows the direct access of program memory from the
data space during code execution.
4.1
Program Address Space
The program address memory space of the PIC24F
devices is 4M instructions. The space is addressable by
a 24-bit value derived from either the 23-bit Program
Counter (PC) during program execution, or from a table
operation or data space remapping, as described in
Section 4.3 “Interfacing Program and Data Memory
Spaces”
.
The user access to the program memory space is
restricted to the lower half of the address range
(000000h to 7FFFFFh). The exception is the use of
TBLRD/TBLWT
operations, which use TBLPAG<7> to
permit access to the Configuration bits and Device ID
sections of the configuration memory space.
The memory map for the PIC24F04KA201 family of
devices is displayed in Figure 4-1.
FIGURE 4-1:
PROGRAM SPACE
MEMORY MAP FOR
PIC24F04KA201 FAMILY
DEVICES
Note:
Memory areas are not displayed to scale.
Reset Address
DEVID (2)
GOTO
Instruction
Reserved
Reserved
Interrupt Vector Table
PIC24F04KA200/201
Device Config Registers
Reserved
Unimplemented
Read ‘0’
Flash
Program Memory
(1408 instructions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com