Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 31Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 32Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 33Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 34Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 35Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 36Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 37Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 38Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 224 page
background image
TABLE 4-12:
PORTA REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5(1)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISA
02C0
—
—
—
—
—
—
—
—
—
TRISA6
—
TRISA4
TRISA3(2,3) TRISA2(2)
TRISA1
TRISA0
00DF
PORTA
02C2
—
—
—
—
—
—
—
—
—
RA6
RA5
RA4
RA3(2,3)
RA2(2)
RA1
RA0
xxxx
LATA
02C4
—
—
—
—
—
—
—
—
—
LATA6
—LATA4
LATA3(2,3)
LATA2(2)
LATA1
LATA0
xxxx
ODCA
02C6
—
—
—
—
—
—
—
—
—
ODA6
—
ODA4
ODA3(2,3)
ODA2(2)
ODA1
ODA0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Bit available only when MCLRE = 0.
2:
Bits are available only when the primary oscillator is disabled (POSCMD1:POSCMD0 = 00); otherwise read as ‘0’.
3:
Bits are available only when the primary oscillator is disabled or EC mode is selected (POSCMD1:POSCMD0 = 00 or 11) and CLKO is disabled (OSCIOFNC = 0); otherwise read as ‘0’.
TABLE 4-13:
PORTB REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISB
02C8
TRISB15
TRISB14
TRISB13(1) TRISB12(1)
—
—
TRISB9
TRISB8
TRISB7
—
—TRISB4
—
TRISB2(1) TRISB1(1) TRISB0(1) FFFF
PORTB 02CA
RB15
RB14
RB13(1)
RB12(1)
—
—RB9
RB8
RB7
—
—RB4
—RB2(1)
RB1(1)
RB0(1)
xxxx
LATB
02CC
LATB15
LATB14
LATB13(1)
LATB12(1)
—
—
LATB9
LATB8
LATB7
—
—LATB4
—LATB2(1)
LATB1(1)
LATB0(1)
xxxx
ODCB
02CE
ODB15
ODB14
ODB13(1)
ODB12(1)
—
—
ODB9
ODB8
ODB7
—
—ODB4
—ODB2(1)
ODB1(1)
ODB(1)0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
These bits are not implemented on 14-pin devices.
TABLE 4-14:
PAD CONFIGURATION REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PADCFG1 02FC
—
—
—
—
—
—
—
—
—
—
—
SMBUSDEL OC1TRIS
—
—
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com