Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 169Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 170Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 171Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 172Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 173Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 174Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 175Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 176Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 171
PIC24F04KA201 FAMILY
23.3
Deep Sleep Watchdog Timer
(DSWDT)
In PIC24F04KA201 family devices, in addition to the
WDT module, a DSWDT module is present which runs
while the device is in Deep Sleep, if enabled. It is
driven by either the SOSC or LPRC oscillator. The
clock source is selected by the Configuration bit,
DSWCKSEL (FDS<4>).
The DSWDT can be configured to generate a time-out at
2.1 ms to 25.7 days by selecting the respective
postscaler. The postscaler can be selected by the
Configuration bits, DSWDTPS<3:0> (FDS<3:0>). When
the DSWDT is enabled, the clock source is also enabled.
DSWDT is one of the sources that can wake-up the
device from Deep Sleep mode.
23.4
Program Verification and
Code Protection
For all devices in the PIC24F04KA201 family, code
protection for the general segment is controlled by the
Configuration bit, GSS0. This bit inhibits external reads
and writes to the program memory space; this has no
direct effect in normal execution mode.
Write protection is controlled by the GWRP bit for the
general segment in the Configuration Word. When this
bit is programmed to ‘0’, internal write and erase
operations to program memory are blocked.
23.5
In-Circuit Serial Programming
PIC24F04KA201 family microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with two lines for clock (PGCx) and
data (PGDx) and three other lines for power, ground
and the programming voltage. This allows customers to
manufacture boards with unprogrammed devices and
then program the microcontroller just before shipping
the product. This also allows the most recent firmware
or a custom firmware to be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com