Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 186Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 187Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 188Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 189Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 190Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 191Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 192Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 193Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 188
Preliminary
© 2009 Microchip Technology Inc.
TABLE 26-5:
BOR TRIP POINTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
DC19
BOR Voltage on VDD Transition BOR = 00 1.55
2
2.00
V
Valid for LPBOR and DSBOR
BOR = 01 2.92
3
3.25
V
BOR = 10 2.63
2.7
2.92
V
BOR = 11 1.75 1.78 2.01
V
TABLE 26-6:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter No.
Typical(1)
Max
Units
Conditions
IDD Current
DC20
195
330
μA
-40°C
1.8V
0.5 MIPS,
FOSC = 1 MHz
DS20a
330
+25°C
DC20b
330
+60°C
DC20c
330
+85°C
DC20d
365
590
μA
-40°C
3.3V
DC20e
590
+25°C
DC20f
645
+60°C
DC20g
720
+85°C
DC22
363
600
μA
-40°C
1.8V
1 MIPS,
FOSC = 2 MHz
DC22a
600
+25°C
DC22b
600
+60°C
DC22c
600
+85°C
DC22d
695
1100
μA
-40°C
3.3V
DC22e
1100
+25°C
DC22f
1100
+60°C
DC22g
1100
+85°C
DC23
11
18
mA
-40°C
3.3V
16 MIPS,
FOSC = 32 MHz
DC23a
18
+25°C
DC23b
18
+60°C
DC23c
18
+85°C
DC27
2.25
3.40
mA
-40°C
2.5V
FRC (4 MIPS),
FOSC = 8 MHz
DC27a
3.40
+25°C
DC27b
3.40
+60°C
DC27c
3.40
+85°C
DC27d
3.05
4.60
mA
-40°C
3.3V
DC27e
4.60
+25°C
DC27f
4.60
+60°C
DC27g
4.60
+85°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
Operating Parameters:
• EC mode with clock input driven with a square wave rail-to-rail
• I/O configured as outputs driven low
• MCLR – VDD
• WDT FSCM disabled
• SRAM, program and data memory active
• All PMD bits set except for modules being measured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com