Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 192Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 193Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 194Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 195Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 196Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 197Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 198Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 199Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 194
Preliminary
© 2009 Microchip Technology Inc.
TABLE 26-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage(4)
——
—
—
DI10
I/O Pins
VSS
—
0.2 VDD
V
DI15
MCLR
VSS
—
0.2 VDD
V
DI16
OSCI (XT mode)
VSS
—
0.2 VDD
V
DI17
OSCI (HS mode)
VSS
—
0.2 VDD
V
DI18
I/O Pins with I2C™ Buffer
VSS
—
0.3 VDD
V
SMBus disabled
DI19
I/O Pins with SMBus Buffer
VSS
—
0.8
V
SMBus enabled
VIH
Input High Voltage(4)
——
—
—
DI20
I/O Pins:
with Analog Functions
Digital Only
0.8 VDD
0.8 VDD
—
—
VDD
VDD
V
V
DI25
MCLR
0.8 VDD
—VDD
V
DI26
OSCI (XT mode)
0.7 VDD
—VDD
V
DI27
OSCI (HS mode)
0.7 VDD
—VDD
V
DI28
I/O Pins with I2C Buffer:
with Analog Functions
Digital Only
0.7 VDD
0.7 VDD
—
—
VDD
VDD
V
V
DI29
I/O Pins with SMBus
2.1
—
VDD
V2.5V
≤ VPIN ≤ VDD
DI30
ICNPU CNx Pull-up Current
50
250
500
μAVDD = 3.3V, VPIN = VSS
IIL
Input Leakage
Current(2,3)
DI50
I/O Ports
—
0.050
±0.100
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
DI51
VREF+, VREF-, AN0, AN1
—
0.300
±0.500
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
DI55
MCLR
——
±5.0
μAVSS ≤ VPIN ≤ VDD
DI56
OSCI
—
—
±5.0
μAVSS ≤ VPIN ≤ VDD,
XT and HS modes
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Refer to Table 1-2 for I/O pin buffer types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com