Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 106Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 107Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 108Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 109Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 110Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 111Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 112Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 109
PIC16F627A/628A/648A
14.5
Interrupts
The PIC16F627A/628A/648A has 10 sources of
interrupt:
• External Interrupt RB0/INT
• TMR0 Overflow Interrupt
• PORTB Change Interrupts (pins RB<7:4>)
• Comparator Interrupt
• USART Interrupt TX
• USART Interrupt RX
• CCP Interrupt
• TMR1 Overflow Interrupt
• TMR2 Match Interrupt
• Data EEPROM Interrupt
The Interrupt Control register (INTCON) records
individual interrupt requests in flag bits. It also has
individual and global interrupt enable bits.
A Global Interrupt Enable bit, GIE (INTCON<7>)
enables (if set) all un-masked interrupts or disables (if
cleared) all interrupts. Individual interrupts can be
disabled through their corresponding enable bits in
INTCON register. GIE is cleared on Reset.
The “return-from-interrupt” instruction, RETFIE, exits
interrupt routine as well as sets the GIE bit, which re-
enables RB0/INT interrupts.
The INT pin interrupt, the RB port change interrupt and
the TMR0 overflow interrupt flags are contained in the
INTCON register.
The peripheral interrupt flag is contained in the special
register PIR1. The corresponding interrupt enable bit is
contained in special registers PIE1.
When an interrupt is responded to, the GIE is cleared
to disable any further interrupt, the return address is
pushed into the stack and the PC is loaded with 0004h.
Once in the interrupt service routine, the source(s) of
the interrupt can be determined by polling the interrupt
flag bits. The interrupt flag bit(s) must be cleared in
software before re-enabling interrupts to avoid RB0/
INT recursive interrupts.
For external interrupt events, such as the INT pin or
PORTB change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends when the interrupt event occurs (Figure 14-15).
The latency is the same for one or two-cycle instructions.
Once in the interrupt service routine, the source(s) of the
interrupt can be determined by polling the interrupt flag
bits. The interrupt flag bit(s) must be cleared in software
before re-enabling interrupts to avoid multiple interrupt
requests.
FIGURE 14-14:
INTERRUPT LOGIC
Note 1:
Individual interrupt flag bits are set
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
2:
When an instruction that clears the GIE
bit is executed, any interrupts that were
pending for execution in the next cycle
are ignored. The CPU will execute a NOP
in the cycle immediately following the
instruction which clears the GIE bit. The
interrupts which were ignored are still
pending to be serviced when the GIE bit
is set again.
TMR2IF
TMR2IE
CCP1IF
CCP1IE
CMIF
CMIE
TXIF
TXIE
RCIF
RCIE
T0IF
T0IE
INTF
INTE
RBIF
RBIE
GIE
PEIE
Wake-up (if in Sleep mode)(1)
Interrupt to CPU
EEIE
EEIF
TMR1IF
TMR1IE
Note 1:
Some peripherals depend upon the system clock for operation. Since the system clock is
suspended during Sleep, only those peripherals which do not depend upon the system
clock will wake the part from Sleep. See Section 14.8.1 “Wake-up from Sleep”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com