Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 104Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 106Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 107Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 108Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 109Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 106
© 2009 Microchip Technology Inc.
TABLE 14-7:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on Reset
•MCLR Reset during normal
operation
•MCLR Reset during Sleep
• WDT Reset
• Brown-out Reset (1)
• Wake-up from Sleep(7) through
interrupt
• Wake-up from Sleep(7) through
WDT time out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h, 80h,
100h, 180h
——
—
TMR0
01h, 101h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h, 82h,
102h, 182h
0000 0000
0000 0000
PC + 1
(3)
STATUS
03h, 83h,
103h, 183h
0001 1xxx
000q quuu(4)
uuuq 0uuu(4)
FSR
04h, 84h,
104h, 184h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
xxxx 0000
xxxx 0000
uuuu uuuu
PORTB
06h, 106h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCLATH
0Ah, 8Ah,
10Ah, 18Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh, 8Bh,
10Bh,18Bh
0000 000x
0000 000u
uuuu uqqq
(2)
PIR1
0Ch
0000 -000
0000 -000
qqqq -qqq
(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
--00 0000
--uu uuuu(6)
--uu uuuu
TMR2
11h
0000 0000
0000 0000
uuuu uuuu
T2CON
12h
-000 0000
-000 0000
-uuu uuuu
CCPR1L
15h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
16h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
17h
--00 0000
--00 0000
--uu uuuu
RCSTA
18h
0000 000x
0000 000x
uuuu uuuu
TXREG
19h
0000 0000
0000 0000
uuuu uuuu
RCREG
1Ah
0000 0000
0000 0000
uuuu uuuu
CMCON
1Fh
0000 0000
0000 0000
uu-- uuuu
OPTION
81h,181h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
1111 1111
1111 1111
uuuu uuuu
TRISB
86h, 186h
1111 1111
1111 1111
uuuu uuuu
PIE1
8Ch
0000 -000
0000 -000
uuuu -uuu
PCON
8Eh
---- 1-0x
---- 1-uq
(1,5)
---- u-uu
PR2
92h
1111 1111
1111 1111
uuuu uuuu
TXSTA
98h
0000 -010
0000 -010
uuuu -uuu
SPBRG
99h
0000 0000
0000 0000
uuuu uuuu
EEDATA
9Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADR
9Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
EECON1
9Ch
---- x000
---- q000
---- uuuu
EECON2
9Dh
—
—
—
VRCON
9Fh
000- 0000
000- 0000
uuu- uuuu
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note
1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-6 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
Reset to ‘--00 0000’ on a Brown-out Reset (BOR).
7:
Peripherals generating interrupts for wake-up from Sleep will change the resulting bits in the associated registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com