Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 99Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 100Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 101Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 104Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 106Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 103
PIC16F627A/628A/648A
14.4
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Reset
(BOR)
14.4.1
POWER-ON RESET (POR)
The on-chip POR holds the part in Reset until a VDD
rise is detected (in the range of 1.2-1.7V). A maxi-
mum rise time for VDD is required. See Section 17.0
“Electrical Specifications”
for details.
The POR circuit does not produce an internal Reset
when VDD declines.
When the device starts normal operation (exits the
Reset
condition),
device
operating
parameters
(voltage, frequency, temperature, etc.) must be met to
ensure proper operation. If these conditions are not
met, the device must be held in Reset via MCLR, BOR
or PWRT until the operating conditions are met.
For additional information, refer to Application Note
AN607 “Power-up Trouble Shooting” (DS00607).
14.4.2
POWER-UP TIMER (PWRT)
The PWRT provides a fixed 72 ms (nominal) time out
on power-up (POR) or if enabled from a Brown-out
Reset. The PWRT operates on an internal RC oscilla-
tor. The chip is kept in Reset as long as PWRT is active.
The PWRT delay allows the VDD to rise to an accept-
able level. A configuration bit, PWRTE can disable (if
set) or enable (if cleared or programmed) the PWRT. It
is recommended that the PWRT be enabled when
Brown-out Reset is enabled.
The power-up time delay will vary from chip-to-chip and
due to VDD, temperature and process variation. See
DC parameters Table 17-7 for details.
14.4.3
OSCILLATOR START-UP TIMER
(OST)
The OST provides a 1024 oscillator cycle (from OSC1
input) delay after the PWRT delay is over. Program
execution will not start until the OST time out is
complete. This ensures that the crystal oscillator or
resonator has started and stabilized.
The OST time out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
Sleep. See Table 17-7.
14.4.4
BROWN-OUT RESET (BOR)
The PIC16F627A/628A/648A have on-chip BOR
circuitry. A configuration bit, BOREN, can disable (if
clear/programmed) or enable (if set) the BOR circuitry.
If VDD falls below VBOR for longer than TBOR, the
brown-out situation will reset the chip. A Reset is not
assured if VDD falls below VBOR for shorter than TBOR.
VBOR and TBOR are defined in Table 17-2 and
Table 17-7, respectively.
On any Reset (Power-on, Brown-out, Watchdog, etc.),
the chip will remain in Reset until VDD rises above
VBOR (see Figure 14-7). The Power-up Timer will now
be invoked, if enabled, and will keep the chip in Reset
an additional 72 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-Up Timer will execute a
72 ms Reset. Figure 14-7 shows typical brown-out
situations.
FIGURE 14-7:
BROWN-OUT SITUATIONS WITH PWRT ENABLED
72 ms
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
72 ms
<72 ms
72 ms
VBOR
VDD
Internal
Reset
≥ TBOR
Note:
72 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com