Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 100Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 101Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 104Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 106Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 107Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 104
© 2009 Microchip Technology Inc.
14.4.5
TIME OUT SEQUENCE
On power-up, the time out sequence is as follows: First
PWRT time-out is invoked after POR has expired. Then
OST is activated. The total time out will vary based on
oscillator configuration and PWRTE bit Status. For
example, in RC mode with PWRTE bit set (PWRT
disabled), there will be no time out at all. Figure 14-8,
Figure 14-11 and Figure 14-12 depict time out
sequences.
Since the time outs occur from the POR pulse, if MCLR
is kept low long enough, the time outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 14-11). This is useful for testing purposes
or to synchronize more than one PIC16F627A/628A/
648A device operating in parallel.
Table 14-6 shows the Reset conditions for some
special registers, while Table 14-7 shows the Reset
conditions for all the registers.
14.4.6
POWER CONTROL (PCON) STATUS
REGISTER
The PCON/Status register, PCON (address 8Eh), has
two bits.
Bit 0 is BOR (Brown-out Reset). BOR is unknown on
Power-on Reset. It must then be set by the user and
checked on subsequent Resets to see if BOR = 0
indicating that a brown-out has occurred. The BOR
Status bit is a “don’t care” and is not necessarily
predictable if the brown-out circuit is disabled (by
setting BOREN bit = 0 in the Configuration Word).
Bit 1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a
subsequent Reset if POR is ‘0’, it will indicate that a
Power-on Reset must have occurred (VDD may have
gone too low).
TABLE 14-3:
TIME OUT IN VARIOUS SITUATIONS
TABLE 14-4:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
Oscillator Configuration
Power-up Timer
Brown-out Reset
Wake-up from
Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms +
1024•TOSC
1024•TOSC
72 ms +
1024•TOSC
1024•TOSC
1024•TOSC
RC, EC
72 ms
—
72 ms
—
—
INTOSC
72 ms
—
72 ms
—
6
μs
POR
BOR
TO
PD
Condition
0X11
Power-on Reset
0X0X
Illegal, TO is set on POR
0XX0
Illegal, PD is set on POR
10XX
Brown-out Reset
110u
WDT Reset
1100
WDT Wake-up
11uu
MCLR Reset during normal operation
1110
MCLR Reset during Sleep
Legend:
u
= unchanged, x = unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com