Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 116Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 117Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 118Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 119Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 120Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 121Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 122Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 123Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 120
© 2009 Microchip Technology Inc.
BCF
Bit Clear f
Syntax:
[ label ] BCF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Encoding:
01
00bb
bfff
ffff
Description:
Bit ‘b’ in register ‘f’ is cleared.
Words:
1
Cycles:
1
Example
BCF
REG1, 7
Before Instruction
REG1
= 0xC7
After Instruction
REG1
= 0x47
BSF
Bit Set f
Syntax:
[ label ] BSF f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Encoding:
01
01bb
bfff
ffff
Description:
Bit ‘b’ in register ‘f’ is set.
Words:
1
Cycles:
1
Example
BSF
REG1, 7
Before Instruction
REG1 = 0x0A
After Instruction
REG1 = 0x8A
BTFSC
Bit Test f, Skip if Clear
Syntax:
[ label ] BTFSC f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
01
10bb
bfff
ffff
Description:
If bit ‘b’ in register ‘f’ is ‘0’, then the
next instruction is skipped.
If bit ‘b’ is ‘0’, then the next
instruction fetched during the
current instruction execution is
discarded, and a NOP is executed
instead, making this a two-cycle
instruction.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
REG1
PROCESS_CODE
Before Instruction
PC = address HERE
After Instruction
if REG<1> = 0,
PC = address TRUE
if REG<1> =1,
PC = address FALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com