Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 118Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 119Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 120Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 121Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 122Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 123Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 124Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 125Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 122
© 2009 Microchip Technology Inc.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
0000
0011
Description:
W register is cleared. Zero bit
(Z) is set.
Words:
1
Cycles:
1
Example
CLRW
Before Instruction
W = 0x5A
After Instruction
W = 0x00
Z= 1
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0100
Description:
CLRWDT
instruction resets the
Watchdog Timer. It also resets
the prescaler of the WDT. Status
bits TO and PD are set.
Words:
1
Cycles:
1
Example
CLRWDT
Before Instruction
WDT counter = ?
After Instruction
WDT counter
= 0x00
WDT prescaler = 0
TO
= 1
PD
= 1
COMF
Complement f
Syntax:
[ label ] COMF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
00
1001
dfff
ffff
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’,
the result is stored back in
register ‘f’.
Words:
1
Cycles:
1
Example
COMF
REG1, 0
Before Instruction
REG1 = 0x13
After Instruction
REG1 = 0x13
W= 0xEC
DECF
Decrement f
Syntax:
[ label ] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (dest)
Status Affected:
Z
Encoding:
00
0011
dfff
ffff
Description:
Decrement register ‘f’. If ‘d’ is
‘0’. the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example
DECF
CNT, 1
Before Instruction
CNT = 0x01
Z= 0
After Instruction
CNT = 0x00
Z= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com