Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519-E/P Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC12F519-E/P
Description  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/P Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC12F519-E/P Datasheet HTML 36Page - Microchip Technology PIC12F519-E/P Datasheet HTML 37Page - Microchip Technology PIC12F519-E/P Datasheet HTML 38Page - Microchip Technology PIC12F519-E/P Datasheet HTML 39Page - Microchip Technology PIC12F519-E/P Datasheet HTML 40Page - Microchip Technology PIC12F519-E/P Datasheet HTML 41Page - Microchip Technology PIC12F519-E/P Datasheet HTML 42Page - Microchip Technology PIC12F519-E/P Datasheet HTML 43Page - Microchip Technology PIC12F519-E/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
PIC12F519
DS41319B-page 38
© 2008 Microchip Technology Inc.
REGISTER 8-1:
CONFIG: CONFIGURATION WORD REGISTER(1)
—CPDF
IOSCFS
MCLRE
CP
WDTE
FOSC1
FOSC0
bit 7
bit 0
bit 7
Unimplemented
: Read as ‘1’
bit 6
CPDF:
Code Protection bit - Flash Data Memory
1
= Code protection off
0
= Code protection on
bit 5
IOSCFS:
Internal Oscillator Frequency Select bit
1
= 8 MHz INTOSC frequency
0
= 4 MHz INTOSC frequency
bit 4
MCLRE:
Master Clear Enable bit
1
= GP3/MCLR pin functions as MCLR
0
= GP3/MCLR pin functions as GP3, MCLR internally tied to VDD
bit 3
CP:
Code Protection bit - User Program Memory
1
= Code protection off
0
= Code protection on
bit 2
WDTE:
Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC<1:0>:
Oscillator Selection bits
00
= LP oscillator with 18 ms DRT(2)
01
= XT oscillator with 18 ms DRT(2)
10
= INTOSC with 1 ms DRT(2)
11
= EXTRC with 1 ms DRT(2)
Note 1:
Refer to the “PIC12F519 Memory Programming Specification”, DS41316 to determine how to
program/erase the Configuration Word.
2:
DRT length (18 ms or 1 ms) is a function of clock mode selection. It is the responsibility of the application
designer to ensure the use of either 18 ms (nominal) DRT or the 1 ms (nominal) DRT will result in
acceptable operation. Refer to Figure 11-1 and Table 11-2 for VDD rise time and stability requirements for
this mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com