Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519-E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC12F519-E/P
Description  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC12F519-E/P Datasheet HTML 12Page - Microchip Technology PIC12F519-E/P Datasheet HTML 13Page - Microchip Technology PIC12F519-E/P Datasheet HTML 14Page - Microchip Technology PIC12F519-E/P Datasheet HTML 15Page - Microchip Technology PIC12F519-E/P Datasheet HTML 16Page - Microchip Technology PIC12F519-E/P Datasheet HTML 17Page - Microchip Technology PIC12F519-E/P Datasheet HTML 18Page - Microchip Technology PIC12F519-E/P Datasheet HTML 19Page - Microchip Technology PIC12F519-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
PIC12F519
DS41319B-page 14
© 2008 Microchip Technology Inc.
4.2
Data Memory (SRAM and FSRs)
Data memory is composed of registers or bytes of
SRAM. Therefore, data memory for a device is speci-
fied by its register file. The register file is divided into
two functional groups: Special Function Registers
(SFR) and General Purpose Registers (GPR).
The Special Function Registers include the TMR0
register, the Program Counter Low (PCL), the STATUS
register, the I/O register (port) and the File Select
Register (FSR). In addition, the EECON, EEDATA and
EEADR registers provide for interface with the Flash
data memory.
The PIC12F519 register file is composed of 10 Special
Function Registers and 41 General Purpose Registers.
4.2.1
GENERAL PURPOSE REGISTER
FILE
The General Purpose Register file is accessed, either
directly or indirectly, through the File Select Register
(FSR). See Section 4.8 “Indirect Data Addressing:
INDF and FSR Registers”
.
FIGURE 4-2:
REGISTER FILE MAP
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control the
operation of the device (Table 4-1).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
0Fh
10h
Bank 0
Bank 1
3Fh
30h
20h
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
08h
Note 1:
Not a physical register.
FSR<5>
01
2Fh
09h
0Ah
INDF(1)
EECON
PCL
STATUS
FSR
EEDATA
EEADR
Address map
back to
addresses
in Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com