Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519-E/P Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC12F519-E/P
Description  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/P Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC12F519-E/P Datasheet HTML 63Page - Microchip Technology PIC12F519-E/P Datasheet HTML 64Page - Microchip Technology PIC12F519-E/P Datasheet HTML 65Page - Microchip Technology PIC12F519-E/P Datasheet HTML 66Page - Microchip Technology PIC12F519-E/P Datasheet HTML 67Page - Microchip Technology PIC12F519-E/P Datasheet HTML 68Page - Microchip Technology PIC12F519-E/P Datasheet HTML 69Page - Microchip Technology PIC12F519-E/P Datasheet HTML 70Page - Microchip Technology PIC12F519-E/P Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
© 2008 Microchip Technology Inc.
DS41319B-page 65
PIC12F519
TABLE 11-3:
DC CHARACTERISTICS: PIC12F519 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
≤ TA ≤ +85°C (industrial)
-40°C
≤ TA ≤ +125°C (extended)
Operating voltage VDD range as described in DC specification.
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
Vss
—
0.8
V
For all 4.5
≤ VDD ≤ 5.5V
D030A
Vss
—
0.15 VDD
V
Otherwise
D031
with Schmitt Trigger buffer
Vss
—
0.15 VDD
V
D032
MCLR, T0CKI
Vss
—
0.15 VDD
V
D033
OSC1 (EXTRC mode)
Vss
—
0.15 VDD
V
(Note 1)
D033A
OSC1 (XT and LP modes)
Vss
—
0.3
V
VIH
Input High Voltage
I/O ports
—
D040
with TTL buffer
2.0
—
VDD
V4.5
≤ VDD ≤ 5.5V
D040A
0.25 VDD
+ 0.8V
—VDD
V
Otherwise
D041
with Schmitt Trigger buffer
0.85 VDD
—VDD
V
For entire VDD range
D042
MCLR, T0CKI
0.85 VDD
—VDD
V
D042A
OSC1 (EXTRC mode)
0.85 VDD
—VDD
V
(Note 1)
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
D070
IPUR
I/O PORT weak pull-up current(5)
50
250
400
μAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(2), (3)
D060
I/O ports
—
—
±1
μA
Vss
≤ VPIN ≤ VDD, Pin at high-impedance
D061
GP3/MCLR(4)
—±0.7
±5
μA
Vss
≤ VPIN ≤ VDD
D063
OSC1
—
—
±5
μA
Vss
≤ VPIN ≤ VDD, XT and LP osc configuration
Output Low Voltage
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V, –40
°C to +85°C
D080A
—
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V, –40
°C to +125°C
Output High Voltage
D090
I/O ports(3)
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V, –40
°C to +85°C
D090A
VDD – 0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V, –40
°C to +125°C
Capacitive Loading Specs on Output Pins
D101
All I/O pins
—
—
50
pF
Flash Data Memory
D120
ED
Byte endurance
100K
1M
—
E/W
–40
°C ≤ TA ≤ +85°C
D120A
ED
Byte endurance
10K
100K
—
E/W
+85
°C ≤ TA ≤ +125°C
D121
VDRW VDD for read/write
VMIN
—5.5
V
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC12F519 be driven
with external clock in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal operat-
ing conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as coming out of the pin.
4:
This specification applies to GP3/MCLR configured as GP3 with internal pull-up disabled.
5:
This specification applies to all weak pull-up devices, including the weak pull-up found on GP3/MCLR. The current value listed will be the
same whether or not the pin is configured as GP3 with pull-up enabled or MCLR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com