Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/ML Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F1938-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/ML Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F1938-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 124
Preliminary
 2009 Microchip Technology Inc.
11.4
Modifying Flash Program Memory
When modifying existing data in a program memory
row, and data within that row must be preserved, it must
first be read and saved in a RAM image. Program
memory is modified using the following steps:
1.
Load the starting address of the row to be mod-
ified.
2.
Read the existing data from the row into a RAM
image.
3.
Modify the RAM image to contain the new data
to be written into program memory.
4.
Load the starting address of the row to be rewrit-
ten.
5.
Erase the program memory row.
6.
Load the write latches with data from the RAM
image.
7.
Initiate a programming operation.
8.
Repeat steps 6 and 7 as many times as required
to reprogram the erased row.
11.5
User ID, Device ID and
Configuration Word Access
Instead of accessing program memory or EEPROM
data memory, the User ID’s, Device ID/Revision ID and
Configuration Words can be accessed when CFGS = 1
in the EECON1 register. This is the region that would
be pointed to by PC<15> = 1, but not all addresses are
accessible. Different access may exist for reads and
writes. Refer to Table 11-2.
When read access is initiated on an address outside
the parameters listed in Table 11-2, the EEDATH:EED-
ATL register pair is cleared.
TABLE 11-2:
USER ID, DEVICE ID AND CONFIGURATION WORD ACCESS (CFGS = 1)
EXAMPLE 11-3:
CONFIGURATION WORD AND DEVICE ID ACCESS
Address
Function
Read Access
Write Access
8000h-8003h
User IDs
Yes
Yes
8006h
Device ID/Revision ID
Yes
No
8007h-8008h
Configuration Words 1 and 2
Yes
No
* This code block will read 1 word of program memory at the memory address:
*
PROG_ADDR_LO (must be 00h-08h) data will be returned in the variables;
*
PROG_DATA_HI, PROG_DATA_LO
BANKSEL
EEADRL
; Select correct Bank
MOVLW
PROG_ADDR_LO
;
MOVWF
EEADRL
; Store LSB of address
CLRF
EEADRH
; Clear MSB of address
BSF
EECON1,CFGS
; Select Configuration Space
BCF
INTCON,GIE
; Disable interrupts
BSF
EECON1,RD
; Initiate read
NOP
; Executed (See Figure 11-1)
NOP
; Ignored (See Figure 11-1)
BSF
INTCON,GIE
; Restore interrupts
MOVF
EEDATL,W
; Get LSB of word
MOVWF
PROG_DATA_LO
; Store in user location
MOVF
EEDATH,W
; Get MSB of word
MOVWF
PROG_DATA_HI
; Store in user location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com