Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/ML Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16F1938-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/ML Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16F1938-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 128Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 129Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 127
PIC16F193X/LF193X
REGISTER 11-5:
EECON1: EEPROM CONTROL 1 REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W/HC-0/0
R/W-x/q
R/W-0/0
R/S/HC-0/0
R/S/HC-0/0
EEPGD
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
S = Bit can only be set
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HC = Bit is cleared by hardware
bit 7
EEPGD:
Flash Program/Data EEPROM Memory Select bit
1
= Accesses program space Flash memory
0
= Accesses data EEPROM memory
bit 6
CFGS:
Flash Program/Data EEPROM or Configuration Select bit
1
= Accesses Configuration, User ID and Device ID Registers
0
= Accesses Flash Program or data EEPROM Memory
bit 5
LWLO:
Load Write Latches Only bit
If CFGS = 1 (Configuration space) OR CFGS = 0 and EEPGD = 1 (program Flash):
1
= The next WR command does not initiate a write; only the program memory latches are
updated.
0
= The next WR command writes a value from EEDATH:EEDATL into program memory latches
and initiates a write of all the data stored in the program memory latches.
If CFGS = 0 and EEPGD = 0: (Accessing data EEPROM)
LWLO is ignored. The next WR command initiates a write to the data EEPROM.
bit 4
FREE:
Program Flash Erase Enable bit
If CFGS = 1 (Configuration space) OR CFGS = 0 and EEPGD = 1 (program Flash):
1
= Performs an erase operation on the next WR command (cleared by hardware after comple-
tion of erase).
0
= Performs a write operation on the next WR command.
If EEPGD = 0 and CFGS = 0: (Accessing data EEPROM)
FREE is ignored. The next WR command will initiate both a erase cycle and a write cycle.
bit 3
WRERR:
EEPROM Error Flag bit
1
= Condition indicates an improper program or erase sequence attempt or termination (bit is set
automatically on any set attempt (write ‘1’) of the WR bit).
0
= The program or erase operation completed normally.
bit 2
WREN:
Program/Erase Enable bit
1
= Allows program/erase cycles
0
= Inhibits programming/erasing of program Flash and data EEPROM
bit 1
WR:
Write Control bit
1
= Initiates a program Flash or data EEPROM program/erase operation.
The operation is self-timed and the bit is cleared by hardware once operation is complete.
The WR bit can only be set (not cleared) in software.
0
= Program/erase operation to the Flash or data EEPROM is complete and inactive.
bit 0
RD:
Read Control bit
1
= Initiates an program Flash or data EEPROM read. Read takes one cycle. RD is cleared in
hardware. The RD bit can only be set (not cleared) in software.
0
= Does not initiate a program Flash or data EEPROM data read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com