Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/ML Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F1938-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/ML Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F1938-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 128Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 129Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 131Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 128
Preliminary
 2009 Microchip Technology Inc.
TABLE 11-3:
SUMMARY OF REGISTERS ASSOCIATED WITH DATA EEPROM
REGISTER 11-6:
EECON2: EEPROM CONTROL 2 REGISTER
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
EEPROM Control Register 2
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
S = Bit can only be set
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
Data EEPROM Unlock Pattern bits
To unlock writes, a 55h must be written first, followed by an AAh, before setting the WR bit of the
EECON1 register. The value written to this register is used to unlock the writes. There are specific
timing requirements on these writes. Refer to Section 11.2.2 “Writing to the Data EEPROM
Memory”
for more information.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
EECON1
EEPGD
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
127
EECON2
EEPROM Control Register 2 (not a physical register)
115*
EEADRL
EEADRL<7:0>
126
EEADRH
—
EEADRH<6:0
126
EEDATL
EEDATL<7:0>
126
EEDATH
—
—
EEDATH<5:0>
126
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
99
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
—
CCP2IE
101
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
—
CCP2IF
104
Legend:
—
= unimplemented location, read as ‘0’. Shaded cells are not used by Data EEPROM module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com