Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F57-I/SS Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F57-I/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-I/SS Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F57-I/SS Datasheet HTML 20Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 21Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 22Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 23Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 24Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 25Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 26Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 27Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
PIC16F5X
DS41213D-page 22
© 2007 Microchip Technology Inc.
4.3
External Crystal Oscillator Circuit
Either a pre-packaged oscillator or a simple oscillator
circuit with TTL gates can be used as an external
crystal oscillator circuit. Pre-packaged oscillators
provide a wide operating range and better stability. A
well designed crystal oscillator will provide good perfor-
mance with TTL gates. Two types of crystal oscillator
circuits can be used: one with parallel resonance or one
with series resonance.
Figure 4-3 shows an implementation example of a
parallel resonant oscillator circuit. The circuit is
designed to use the fundamental frequency of the
crystal. The 74AS04 inverter performs the 180
° phase
shift that a parallel oscillator requires. The 4.7 k
Ω
resistor provides the negative feedback for stability.
The 10 k
Ω potentiometers bias the 74AS04 in the
linear region. This circuit could be used for external
oscillator designs.
FIGURE 4-3:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
(USING XT, HS OR LP
OSCILLATOR MODE)
Figure 4-4 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverters perform a 360
°
phase shift in a series resonant oscillator circuit. The
330 k
Ω resistors provide the negative feedback to bias
the inverters in their linear region.
FIGURE 4-4:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
(USING XT, HS OR LP
OSCILLATOR MODE)
4.4
RC Oscillator
For applications where precise timing is not a require-
ment, the RC oscillator option is available. The
operation and functionality of the RC oscillator is
dependent upon a number of variables. The RC
oscillator frequency is a function of:
• Supply voltage
• Resistor (REXT) and capacitor (CEXT) values
• Operating temperature.
The oscillator frequency will vary from unit to unit due
to normal process parameter variation. The difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
CEXT values. The user also needs to account for the
tolerance of the external R and C components.
Figure 4-5 shows
how
the
R/C combination is
connected.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin and can be used for test
purposes or to synchronize other logic.
FIGURE 4-5:
RC OSCILLATOR MODE
20 pF
+5V
20 pF
10k
4.7k
10k
74AS04
XTAL
10k
74AS04
PIC16F5X
CLKIN
To Other
Devices
OSC2
Open
330
74AS04
74AS04
PIC16F5X
CLKIN
To Other
Devices
XTAL
330
74AS04
0.1
μF
OSC2
KK
Open
VDD
REXT
CEXT
VSS
OSC1
Internal
clock
OSC2/CLKOUT
FOSC/4
PIC16F5X
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com