Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F57-I/SS Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F57-I/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-I/SS Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F57-I/SS Datasheet HTML 27Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 28Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 29Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 30Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 31Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 32Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 33Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 34Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 29
PIC16F5X
6.0
I/O PORTS
As with any other register, the I/O registers can be writ-
ten and read under program control. However, read
instructions (e.g., MOVF PORTB, W) always read the I/O
pins independent of the pin’s Input/Output modes. On
Reset, all I/O ports are defined as input (inputs are at
high-impedance), since the I/O control registers
(TRISA, TRISB, TRISC, TRISD and TRISE) are all set.
6.1
PORTA
PORTA is a 4-bit I/O register. Only the low order 4 bits
are used (PORTA<3:0>). The high order 4 bits
(PORTA<7:4>) are unimplemented and read as ‘0’s.
6.2
PORTB
PORTB is an 8-bit I/O register (PORTB<7:0>).
6.3
PORTC
PORTC is an 8-bit I/O register (PORTC<7:0>) for the
PIC16F57 and PIC16F59.
PORTC is a General Purpose Register for the
PIC16F54.
6.4
PORTD
PORTD is an 8-bit I/O register (PORTD<7:0>) for the
PIC16F59.
PORTD is a General Purpose Register for the
PIC16F54 and PIC16F57.
6.5
PORTE
PORTE is an 4-bit I/O register for the PIC16F59. Only
the high order 4 bits are used (PORTE<7:4>). The low
order 4 bits (PORTE<3:0>) are unimplemented and
read as ‘0’s.
PORTE is a General Purpose Register for the
PIC16F54 and PIC16F57.
6.6
TRIS Registers
The output driver control registers are loaded with the
contents of the W register by executing the TRIS f
instruction. A ‘1’ from a TRIS register bit puts the corre-
sponding output driver in a High-Impedance (Input)
mode. A ‘0’ puts the contents of the output data latch
on the selected pins, enabling the output buffer.
The TRIS registers are “write-only” and are set (output
drivers disabled) upon Reset.
6.7
I/O Interfacing
The equivalent circuit for an I/O port pin is shown in
Figure 6-1. All ports may be used for both input and
output operation. For input operations, these ports are
non-latching. Any input must be present until read by
an input instruction (e.g., MOVF PORTB, W). The out-
puts are latched and remain unchanged until the output
latch is rewritten. To use a port pin as output, the
corresponding direction control bit (in TRISA, TRISB,
TRISC, TRISD and TRISE) must be cleared (= 0). For
use as an input, the corresponding TRIS bit must be
set. Any I/O pin can be programmed individually as
input or output.
FIGURE 6-1:
EQUIVALENT CIRCUIT
FOR A SINGLE I/O PIN
Note:
A read of the ports reads the pins, not the
output data latches. That is, if an output
driver on a pin is enabled and driven high,
but the external system is holding it low, a
read of the port will indicate that the pin is
low.
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
P
N
WR
Port
TRIS ‘f’
Data
TRIS
RD Port
VSS
VDD
I/O
pin
W
Reg
Latch
Latch
Reset
VDD
VSS
D
Q
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com