Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F57-I/SS Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F57-I/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-I/SS Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F57-I/SS Datasheet HTML 63Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 64Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 65Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 66Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 67Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 68Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 69Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 70Page - Microchip Technology PIC16F57-I/SS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 65
PIC16F5X
FIGURE 11-4:
CLKOUT AND I/O TIMING – PIC16F5X
TABLE 11-2:
CLKOUT AND I/O TIMING REQUIREMENTS – PIC16F5X
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
10
TosH2CKLOSC1
↑ to CLKOUT↓(1)
—
15
30**
ns
11
TosH2CKHOSC1
↑ to CLKOUT↑(1)
—
15
30**
ns
12
TCKRCLKOUT rise time(1)
—
5.0
15**
ns
13
TCKF
CLKOUT fall time(1)
—
5.0
15**
ns
14
TCKL2IOVCLKOUT
↓ to Port out valid(1)
—
—
40**
ns
15
TIOV2CKH Port in valid before CLKOUT
↑(1)
0.25 TCY+30*
—
—
ns
16
TCKH2IOI
Port in hold after CLKOUT
↑(1)
0*
—
—
ns
17
TOSH2IOVOSC1
↑ (Q1 cycle) to Port out valid(2)
—
—
100*
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
TBD
—
—
ns
19
TIOV2OSH Port input valid to OSC1
↑
(I/O in setup time)
TBD
—
—
ns
20
TIOR
Port output rise time(2, 3)
—
10
25**
ns
20
TIOR
Port output rise time(2, 4)
—
10
50**
ns
21
TIOF
Port output fall time(2, 3)
—
10
25**
ns
21
TIOF
Port output fall time(2, 4)
—
10
50**
ns
Legend: TBD = To Be Determined.
*
These parameters are characterized but not tested.
** These parameters are design targets and are not tested. No characterization data available at this time.
† Data in the Typical (“Typ”) column is at 5.0V, 25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1:
Measurements are taken in RC mode where CLKOUT output is 4 x TOSC.
2:
Please refer to Figure 11-2 for load conditions.
3:
PIC16F54/57 only.
4:
PIC16F59 only.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
18
15
11
12
16
Old Value
New Value
19
Note:
Please refer to Figure 11-2 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com