Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 64Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 65Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 66Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 67Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 68Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 69Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 70Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 71Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 68
Preliminary
 2009 Microchip Technology Inc.
4.5
Device ID and Revision ID
The memory location 8006h is where the Device ID and
Revision ID are stored. The upper nine bits hold the
Device ID. The lower five bits hold the Revision ID. See
Section 11.5 “User ID, Device ID and Configuration
Word Access”
for more information on accessing
these memory locations.
Development tools, such as device programmers and
debuggers, may be used to read the Device ID and
Revision ID.
REGISTER 4-3:
DEVICEID: DEVICE ID REGISTER(1)
R
RRRR
RR
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
DEV2
bit 13
bit 7
R
RRRR
RR
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 6
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
‘0’ = Bit is cleared
-n = Value at POR
‘1’ = Bit is set
x = Bit is unknown
bit 13-5
DEV<8:0>:
Device ID bits
100011001
= PIC16F1933
100011010
= PIC16F1934
100011011
= PIC16F1936
100011100
= PIC16F1937
100011101
= PIC16F1938
100011110
= PIC16F1939
100100001
= PIC16LF1933
100100010
= PIC16LF1934
100100011
= PIC16LF1936
100100100
= PIC16LF1937
100100101
= PIC16LF1938
100100110
= PIC16LF1939
bit 4-0
REV<4:0>:
Revision ID bits
These bits are used to identify the revision.
Note
1:
This location cannot be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com