Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 92Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 93Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 94Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 95Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 96Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 97Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 98Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 99Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 96
Preliminary
 2009 Microchip Technology Inc.
FIGURE 7-3:
INTERRUPT LATENCY
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT
PC
0004h
0005h
PC
Inst(0004h)
NOP
GIE
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
1 Cycle Instruction at PC
PC
Inst(0004h)
NOP
2 Cycle Instruction at PC
FSR ADDR
PC+1
PC+2
0004h
0005h
PC
Inst(0004h)
NOP
GIE
PC
PC-1
3 Cycle Instruction at PC
Execute
Interrupt
Inst(PC)
Interrupt Sampled
during Q1
Inst(PC)
PC-1
PC+1
NOP
PC
New PC/
PC+1
0005h
PC-1
PC+1/FSR
ADDR
0004h
NOP
Interrupt
GIE
Interrupt
INST(PC)
NOP
NOP
FSR ADDR
PC+1
PC+2
0004h
0005h
PC
Inst(0004h)
NOP
GIE
PC
PC-1
3 Cycle Instruction at PC
Interrupt
INST(PC)
NOP
NOP
NOP
Inst(0005h)
Execute
Execute
Execute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com