Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 79Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 80Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 81Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 82Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 83Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 84Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 85Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 86Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 83
PIC16F193X/LF193X
REGISTER 5-2:
OSCSTAT: OSCILLATOR STATUS REGISTER
R-1/q
R-0/q
R-q/q
R-0/q
R-0/q
R-q/q
R-0/0
R-0/q
T1OSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Conditional
bit 7
T1OSCR:
Timer1 Oscillator Ready bit
If T1OSCEN = 1:
1
= Timer1 oscillator is ready
0
= Timer1 oscillator is not ready
If T1OSCEN = 0:
1
= Timer1 clock source is always ready
bit 6
PLLR
4x PLL Ready bit
1
= 4x PLL is ready
0
= 4x PLL is not ready
bit 5
OSTS:
Oscillator Start-up Time-out Status bit
1
= Running from the clock defined by the FOSC<2:0> bits of the Configuration Word 1
0
= Running from an internal oscillator (FOSC<2:0> = 100)
bit 4
HFIOFR:
High Frequency Internal Oscillator Ready bit
1
= HFINTOSC is ready
0
= HFINTOSC is not ready
bit 3
HFIOFL:
High Frequency Internal Oscillator Locked bit
1
= HFINTOSC is at least 2% accurate
0
= HFINTOSC is not 2% accurate
bit 2
MFIOFR:
Medium Frequency Internal Oscillator Ready bit
1
= MFINTOSC is ready
0
= MFINTOSC is not ready
bit 1
LFIOFR:
Low Frequency Internal Oscillator Ready bit
1
= LFINTOSC is ready
0
= LFINTOSC is not ready
bit 0
HFIOFS:
High Frequency Internal Oscillator Stable bit
1
= HFINTOSC is at least 0.5% accurate
0
= HFINTOSC is not 0.5% accurate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com