Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 105Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 107Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 108Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 109Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 110Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 111Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 112Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 109
PIC16F193X/LF193X
9.0
POWER-DOWN MODE (SLEEP)
The Power-down mode is entered by executing a
SLEEP
instruction.
Upon entering Sleep mode, the following conditions
exist:
1.
WDT will be cleared but keeps running, if
enabled for operation during Sleep.
2.
PD bit of the STATUS register is cleared.
3.
TO bit of the STATUS register is set.
4.
CPU clock is disabled.
5.
31 kHz LFINTOSC is unaffected and peripherals
that operate from it may continue operation in
Sleep.
6.
Timer1 oscillator is unaffected and peripherals
that operate from it may continue operation in
Sleep.
7.
ADC is unaffected, if the dedicated FRC clock is
selected.
8.
Capacitive Sensing oscillator is unaffected.
9.
I/O ports maintain the status they had before
SLEEP
was executed (driving high, low or high-
impedance).
10. Resets other than WDT are not affected by
Sleep mode.
Refer to individual chapters for more details on
peripheral operation during Sleep.
To minimize current consumption, the following condi-
tions should be considered:
• I/O pins should not be floating
• External circuitry sinking current from I/O pins
• Internal circuitry sourcing current from I/O pins
• Current draw from pins with internal weak pull-ups
• Modules using 31 kHz LFINTOSC
• Modules using Timer1 oscillator
I/O pins that are high-impedance inputs should be
pulled to VDD or VSS externally to avoid switching cur-
rents caused by floating inputs.
Examples of internal circuitry that might be sourcing
current include modules such as the DAC and FVR
modules. See Section 16.0 “Digital-to-Analog Con-
verter (DAC) Module”
and Section 14.0 “Fixed Volt-
age Reference (FVR)”
for more information on these
modules.
9.1
Wake-up from Sleep
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin, if enabled
2.
BOR Reset, if enabled
3.
POR Reset
4.
Watchdog Timer, if enabled
5.
Any external interrupt
6.
Interrupts by peripherals capable of running dur-
ing Sleep (see individual peripheral for more
information)
The first three events will cause a device Reset. The
last three events are considered a continuation of pro-
gram execution. To determine whether a device Reset
or wake-up event occurred, refer to Section 6.10
“Determining the Cause of a Reset”
.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be enabled. Wake-up will
occur regardless of the state of the GIE bit. If the GIE
bit is disabled, the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
enabled, the device executes the instruction after the
SLEEP
instruction, the device will call the Interrupt Ser-
vice Routine. In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com